Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEV100A6ANH Datasheet(PDF) 5 Page - Tyco Electronics

Part # LEV100A6ANH
Description  KILOVAC LEV100 Series 900 Vdc Contactor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEV100A6ANH Datasheet(HTML) 5 Page - Tyco Electronics

  LEV100A6ANH Datasheet HTML 1Page - Tyco Electronics LEV100A6ANH Datasheet HTML 2Page - Tyco Electronics LEV100A6ANH Datasheet HTML 3Page - Tyco Electronics LEV100A6ANH Datasheet HTML 4Page - Tyco Electronics LEV100A6ANH Datasheet HTML 5Page - Tyco Electronics LEV100A6ANH Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PERFORMANCE DATA
LEV100 I Tyco Electronics
KILOVAC LEV100
Series 900 Vdc
Contactor
CCo
oiill O
Op
peerraattiin
ng
g V
Vo
ollttaag
gee ((vvaalliid
d o
ovveerr tteem
mp
peerraattu
urree rraan
ng
gee))
Nominal Voltage
12Vdc
24Vdc
48Vdc
Maximum Voltage
16Vdc
28Vdc
52Vdc
Pick Up Voltage (20°C)
8Vdc
16Vdc
33Vdc
Drop Out Voltage (20°C)
1.2Vdc
2.4Vdc
4.8Vdc
Coil Current (nominal at 20°C, 12vdc) 461mA
250mA
122mA
Coil Power
Nominal @ Vnom, +20°C
5.5W
6.0W
6.0W
Pickup (close)
Voltage Max.@85˚C
9.6Vdc
19.2Vdc
38.4Vdc
Coil Resistance
Nominal @ +20°C
± 5% (ohms)
26
96
392
O
Op
peerraattee &
& R
Reelleeaassee TTiim
mee
Operate Time Max.
25ms
Operate Bounce Max.
5ms
Release Time
10ms
EEn
nvviirro
on
nm
meen
nttaall D
Daattaa
Shock, 11ms 1/2 sine (operating)
20G peak
Sine Vibration, 20G peak
55-2,000 Hz.
Operating Temperature Range
-40°C to +85°C
Noise Emission (at 100 mm distance)
70dB(a)
CCo
on
nttaacctt D
Daattaa
Contact Arrangement: Main Contacts
SPST-NO-DM (1 Form X)
Voltage Rating: Main Contacts Switching (max)
900VDC
Current Rating: Main Contacts Switching
Continuous (Note 1)
100A
Short Term -- 3 Minutes (Note 2)
200A
Hot Switching Performance (Polarity sensitive)
50A make/break @ +400Vdc
50,000 cycles
100A make/break @ +400Vdc
6,000 cycles
100A make/break @ -400Vdc
1,000 cycles
200A make/break @ +400Vdc
500 cycles
1,000A break only @ +400Vdc
25 cycles
600A make only
25 cycles
Maximum Short Circuit Current (1/2 cycle, 60 Hz)
1,250A
(through closed contacts)
Dielectric Withstand Voltage (Note 3)
Between Open Contacts
5,600Vrms/8,000Vdc
Contacts to Coil
2,000Vrms/4,000Vdc
Insulation Resistance, Terminal to Terminal / Terminals to Coil
When New
100 megohms, min. @ 500Vdc
At End of Life
50 megohms, min. @ 500Vdc
Mechanical Life
1 million cycles
P
Ph
hyyssiiccaall D
Daattaa
Contact Arrangement: Main Contacts
SPST-NO-DM (1 Form X)
Dimensions
See drawings on page 4
Weight
6.7 oz (190g)
Notes
Note 1: 8.4 mm
2 conductor. Current rating depends upon conductor size. Keep terminals below 175°C max continuous.
Note 2: 3 minutes at +40°C ambient with 8.4 mm
2 (#8 AWG) conductor.
Note 3: 2,000Vrms minimum under all conditions, until end of life.


Similar Part No. - LEV100A6ANH

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LEV100 TEC-LEV100 Datasheet
170Kb / 6P
   with 1 form X contacts rated 100A continuous
More results

Similar Description - LEV100A6ANH

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EV200 TEC-EV200 Datasheet
297Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
EV600 TEC-EV600 Datasheet
412Kb / 6P
   Kilovac EV600 High Voltage Contactor
2373271-1 TEC-2373271-1 Datasheet
144Kb / 4P
   KILOVAC K250 HIGH VOLTAGE DC CONTACTOR
EV100 TEC-EV100 Datasheet
262Kb / 2P
   KILOVAC EV100 Series Contactor With 1 Form XContacts Rated 100 Amps Continuous, 600 Vdc
AP150X TEC-AP150X Datasheet
404Kb / 1P
   KILOVAC 270 Vdc Traditional Aerospace Contactors
AP5 TEC-AP5 Datasheet
684Kb / 3P
   KILOVAC 270 Vdc High Voltage Relays
PD5 TEC-PD5 Datasheet
149Kb / 1P
   KILOVAC 28 - 1800 Vdc High Voltage Relays
logo
Sensata Technologies, I...
HX24 SENSATA-HX24 Datasheet
349Kb / 5P
   1500 VDC CONTACTOR
26/Jan/22
logo
Tyco Electronics
EV200 MACOM-EV200 Datasheet
255Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
LEV200A4NAF MACOM-LEV200A4NAF Datasheet
300Kb / 3P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com