Selected language     English  ▼


4-1415419-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 4-1415419-2
Description  Rast 5 Power Relay 419 11 (EA/..)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Rast 5 Power Relay 419 11 (EA/..)
n 2 pole 16 A
n Safety mains insulation
n Quick connect terminals 6.3 x 0.8 mm
n Contact gap > 3 mm
n 4 kV / 8 mm coil-contact
n Snap or screw mounting
n Product in accordance to IEC60335-1
Applications
Industrial and domestic appliances, heating controls,
absolute safe power supply disconnection
F0255-CI
Approvals
V REG.-Nr. 5064 ÜG, Z E214024
Technical data of approved types on request
Contact data
Contact configuration
2 NO
Contact set
bifurcated contacts
Type of interruption
full disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
16 A
Limiting making capacity, max 4 s, duty factor 10%
25 A
Contact material
AgCu3
Contact gap
> 3 mm
Rated frequency of operation with / without load
15 / 600 min-1
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
0419 .. 03
2 NO
16 A, 250 VAC, cos
ϕ=1
85°C
250x103
0419 .. 04
2 NO
12 A, 250 VAC, cos
ϕ=1
85°C
250x103
0419 .. 03
2 NO
20 A, 250 VAC, cos
ϕ=1
85°C
6x103
0419 .. 12 & 13 2 NO
16 A, 250 VAC, cos
ϕ=1
85°C
250x103
0419 .. 12 & 13 2 NO
12 A, 400 VAC, cos
ϕ=1
85°C
250x103
0419 .. 12 & 13 2 NO
20 A, 250 VAC, cos
ϕ=1
85°C
6x103
Coil data
Rated coil voltage range DC coil
6...60 VDC
AC coil
24...400 VAC
Operative range to IEC 61810 DC coil / AC coil
1 / 2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
10
6
3.5
0.4
50
+10%
720
11
10
6.0
0.7
150
+10%
667
12
12
7.5
0.9
200
+10%
720
13
24
15.0
1.8
800
+10%
720
Coil versions, AC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
VAC
VAC
Ohm
VA
01
200.50 / 60 Hz
160.0
15.0
4050
+10%
2.2
03
220..240.50 / 60 Hz
187.0
16.0
4500
+10%
2.2
04
100..120.50 / 60 Hz
80.0
7.0
850
+10%
2.2
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl