Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB-5111 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # VB-5111
Description  Multiple Limit Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

VB-5111 Datasheet(HTML) 3 Page - Omron Electronics LLC

  VB-5111 Datasheet HTML 1Page - Omron Electronics LLC VB-5111 Datasheet HTML 2Page - Omron Electronics LLC VB-5111 Datasheet HTML 3Page - Omron Electronics LLC VB-5111 Datasheet HTML 4Page - Omron Electronics LLC VB-5111 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
VB
Structure and Nomenclature
Structure (VB-2211)
Contact Form
Position of conduit
• Two on the side ....A and B
• Four .......................A, B, and C
Dimensions and Operating Characteristics
(Unit: mm)
Switches The actual model numbers of each of the above VB models have a figure 2 to 6, which indicate the number of plungers.
Note: Unless otherwise indicated, a tolerance of
±0.4 mm applies to all dimensions.
Plunger
Scraper
Box
Cover
Switch
assembly
Seal, gasket
COM
NO
NC
A
B
C
Two, 6+0.1-dia. holes
for positioning
Four, 6.5 dia. holes
Four, M4 x 10
screws
FP
OP
PT
Two, 8.5±0.1
dia. holes
Cable drawing hole
with 3 threads min.
(G1/2)
Two screw caps
23.5 to 24.5
Dog setting
range
Dog
Filter
Scraper
8-dia. hard stainless
steel plunger
25° to 30°
(3)
98±0.2
5.5
14±0.2
28±0.3
8
46
60.5
40
120°
85
68±0.8
50±0.2
114±0.8
9
17
35
H
30±0.2
12±0.2
45
44
Bevel Plunger
VB-
@111
Cable drawing hole
with 3 threads min.
(G1/2)
8-dia. hard stainless
steel plunger
Two screw caps
Two, 8.5±0.1
dia. holes
Filter
FP
OP
PT
Four, M4 x 10
screws
Scraper
Pitch
12
±0.2
Dog
10.5 to 11.5
Dog setting range
(3)
9
46
60.5
25
120°
85
68±0.8
50±0.2
9
17
35
H
30±0.2
45
44
85
8.5
25° to 30°
Bevel Plunger
VB-
@141
(3)
98±0.2
5.5
14±0.2
28±0.3
8
46
60.5
40
85
68±0.8
50±0.2
114±0.8
9
17
35
H
30±0.2
12±0.2
45
44
25° to 30°
Two, 6+0.1-dia.
holes for positioning
Four, 6.5 dia. holes
Four, M4 x 10
screws
FP
OP
PT
Two, 8.5 ±0.1
dia. holes
6.8 dia. x 3.7
Stainless steel roller
Cable drawing hole with
3 threads min. (G1/2)
Two screw caps
29.5 to 30.5
Dog setting
range
Dog
Filter
Scraper
Roller Plunger
VB-
@211
(3)
9
46
60.5
25
85
68±0.8
50±0.2
9
17
35
H
30±0.2
45
44
85
8.5
25° to 30°
FP
OP
PT
Two, 8.5 ±0.1
dia. holes
6.8 dia. x 3.7
Stainless steel roller
Cable drawing hole with 3
threads min. (G1/2)
Two screw caps
Filter
Scraper
Pitch
12
±0.2
Four, M4 x 10
screws
16.5 to 17.5
Dog setting range
Dog
Roller Plunger
VB-
@241
Model
Operating characteristics
VB-
@221
VB-
@211
VB-
@251
VB-
@241
VB-
@121
VB-
@111
VB-
@151
VB-
@141
Operating force
Release force
Pretravel
Overtravel
*1
Movement Differential
OF max.
RF min.
PT max.
OT min.
MD max.
14.71 N
4.90 N
1.5 mm
(3.5 mm)
0.5 mm
14.71 N
4.90 N
1.5 mm
(3.5 mm)
0.5 mm
14.71 N
4.90 N
1.5 mm
(3.5 mm)
0.5 mm
14.71 N
4.90 N
1.5 mm
(3.5 mm)
0.5 mm
Operating Position
Free Position
*1
OP
FP max.
32
±0.4 mm
(33 mm)
19
±0.4 mm
(20 mm)
26
±0.4 mm
(27 mm)
13
±0.4 mm
(14 mm)
Note: The operating characteristic values apply
to a single switch.
*1 The OT and FP values are reference values.
The actual model numbers of each of the
above VB models have a figure 2 to 6, which
indicate the number of plungers.
*2 When five plungers are mounted in series,
no outer actuator will be provided.
Number of plungers
Size H (mm)
258
370
482
5, 6
*2106


Similar Part No. - VB-5111

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB-50 NJSEMI-VB-50 Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-50X NJSEMI-VB-50X Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
More results

Similar Description - VB-5111

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
VB2211 OMRON-VB2211 Datasheet
259Kb / 9P
   Multiple Limit Switch
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Festo Corporation.
8137105 FESTO-8137105 Datasheet
92Kb / 2P
   Limit switch box
7/20/22
8137098 FESTO-8137098 Datasheet
88Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com