Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB-3121 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # VB-3121
Description  Multiple Limit Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

VB-3121 Datasheet(HTML) 1 Page - Omron Electronics LLC

  VB-3121 Datasheet HTML 1Page - Omron Electronics LLC VB-3121 Datasheet HTML 2Page - Omron Electronics LLC VB-3121 Datasheet HTML 3Page - Omron Electronics LLC VB-3121 Datasheet HTML 4Page - Omron Electronics LLC VB-3121 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CSM_VB_DS_E_1_1
1
Multiple Limit Switch
VB
A New Monoblock Multiple Limit Switch
Incorporating a Head Box with a Tough
Head and Ensuring High Sealing
Performance and a Mechanical
Durability of 5,000,000 Operations
• Used for the sequential control of a variety of engineering
machines and belt conveyor lines.
• Built-in oil filter shuts out oil and water.
• Approved by EN, IEC (Ground terminal models only.) and
CCC (Chinese standard). Ask your OMRON representative
for information on approved models.
• Ground terminal models bear the CE mark.
Be sure to read the “Safety Precautions” on page 4
and the “Precautions for All Limit Switches”.
Model Number Structure
Model Number Legend
1. Number of Plungers
2:
2 plungers
3:
3 plungers
4:
4 plungers
5:
5 plungers
6:
6 plungers
2. Actuator
1:
Bevel plunger
2:
Roller plunger
3. Switch Box
1:
Flange switch box with two conduit holes on
the side
2:
Flange switch box with four conduit holes
4:
Non-flange switch box with two conduit holes
on the side
5:
Non-flange switch box with four conduit holes
4. Scraper
1:
NBR scraper
2:
FPM scraper
5. Contact
None: 10 A (standard)
A:
0.1 A (micro load)
6. Ground Terminal
None: Without ground terminal
E:
With ground terminal
1 2 3 4 5 6
VB-
@@@@@@
Ordering Information
List of Models
Note: 1. Other than the above models, minute load models switching 0.1 A are
available. When ordering a minute load model, add the suffix A to the
model number (i.e., VB-2211A for example).
2. SC connectors can be connected to VB models.
3. Models with ground terminals are also available. When ordering a ground
terminal model, add the suffix E to the model number (i.e., VB-2211E for
example).
* Since the actuator is incorporated into the monoblock switch, the actuator cannot
be replaced.
Replaceable Switch Unit
Shape of box
Actuator
*
Conduit
Model
Two on the
side
VB-2211
VB-2241
VB-3211
VB-3241
VB-4211
VB-4241
VB-5211
VB-5241
VB-6211
VB-6241
Four
VB-2221
VB-2251
VB-3221
VB-3251
VB-4221
VB-4251
VB-5221
VB-5251
VB-6221
VB-6251
Two on the
side
VB-2111
VB-2141
VB-3111
VB-3141
VB-4111
VB-4141
VB-5111
VB-5141
VB-6111
---
Four
VB-2121
VB-2151
VB-3121
VB-3151
VB-4121
VB-4151
VB-5121
---
VB-6121
---
Rating
Model
Standard load model
VB-S101N
With flange
Without flange
Roller plunger
(with a 6.8-dia. roller)
Bevel plunger


Similar Part No. - VB-3121

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB-30 NJSEMI-VB-30 Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-30X NJSEMI-VB-30X Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
More results

Similar Description - VB-3121

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
VB2211 OMRON-VB2211 Datasheet
259Kb / 9P
   Multiple Limit Switch
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Festo Corporation.
8137105 FESTO-8137105 Datasheet
92Kb / 2P
   Limit switch box
7/20/22
8137098 FESTO-8137098 Datasheet
88Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com