Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMOC Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # UMOC
Description  Safety Mat/Safety Mat Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

UMOC Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button UMOC Datasheet HTML 4Page - Omron Electronics LLC UMOC Datasheet HTML 5Page - Omron Electronics LLC UMOC Datasheet HTML 6Page - Omron Electronics LLC UMOC Datasheet HTML 7Page - Omron Electronics LLC UMOC Datasheet HTML 8Page - Omron Electronics LLC UMOC Datasheet HTML 9Page - Omron Electronics LLC UMOC Datasheet HTML 10Page - Omron Electronics LLC UMOC Datasheet HTML 11Page - Omron Electronics LLC UMOC Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
UM/MC3
Application Examples
UM
@ + MC3 (Manual Reset) + Safety Door Switch (D4GS-N, D4NS, or D4BS) + G9SB (Auto Reset)
(A Safety Relay Unit or Safety Controller other than the G9SB can be used.)
Note: 1. The above circuit examples are equivalent to category 3.
2. Determine Mat dimensions based on safe distances. Refer to "Safety Precautions" on page 10 for the information on calculating safe distances.
3. Remove the three yellow jumpers to use Manual Reset Mode. Refer to "Changing the Reset Mode" on page 6 for the location of the jumpers.
UM
@ + MC3 (Auto Reset) + Safety Door Switch (D4GS-N, D4NS, or D4BS) + G9SB (Auto Reset)
(A Safety Relay Unit or Safety Controller other than the G9SB can be used.)
Note: 1. The above circuit examples are equivalent to category 3.
2. Determine Mat dimensions based on safe distances. Refer to "Safety Precautions" on page 10 for the information on calculating safe distances.
3. Remove the three yellow jumpers to use Manual Reset Mode. Refer to "Changing the Reset Mode" on page 6 for the location of the jumpers.
24 VDC
OPEN
S2
G9SB-2002-A
MC3
KM1
KM2
M
K2
K1
Power
supply
Control Circuit
KM1
KM2
KM1
KM2
A1
A2
T11
T12
T31
T32
13
23
14
24
T21
T22
13
23
14
24
Y2
Y1
X1
X2
32
42
31
41
M11
M12
M22
M21
Reset switch
S1
Blue
White
Black
Brown
Blue
White
Black
Brown
UM
@
UM
@
Feedback Loop
S1: Reset switch
S2: Safety door switch
KM and KM2: Magnetic Contactors
M: 3-phase motor
Timing Chart
13-14, 23-24
KM1 and KM2 (NC)
KM1 and KM2 (NO)
Reset switch S1
Safety door switch S2
Load
No load
UM Safety Mat
MC3 Safety Mat Controller
31-32, 41-42
MC3 Safety Mat Controller
G9SB 13-14, 23-24
OPEN
S1
MC3
G9SB-2002-A
Power
supply
Control Circuit
24 VDC
KM1
KM2
M
KM1
KM2
K2
K1
A1
A2
13
23
14
24
13
23
14
24
Y2
Y1
X1
X2
32
42
31
41
KM1
KM2
T11
T12
T31
T32
T21
T22
M11
M12
M22
M21
Blue
White
Black
Brown
Blue
White
Black
Brown
UM
@
UM
@
Feedback Loop
S1: Safety door switch
KM and KM2: Magnetic Contactors
M: 3-phase motor
Timing Chart
13-14, 23-24
KM1 and KM2 (NC)
KM1 and KM2 (NO)
Safety door switch S1
Load
No load
UM Safety Mat
MC3 Safety Mat Controller
31-32, 41-42
MC3 Safety Mat Controller
G9SB 13-14, 23-24


Similar Description - UMOC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XPSUAK12AP SCHNEIDER-XPSUAK12AP Datasheet
198Kb / 6P
   Safety module, Harmony Safety Automation, Cat.4, features XPSUAF PNP/NPN, safety mat, 24v AC/DC, screw
Jan 13, 2022
logo
SICK AG
UE410-XU4T300 SICK-UE410-XU4T300 Datasheet
323Kb / 6P
   SAFETY CONTROLLER
logo
SparkFun Electronics
TOL-14672 SPARKFUN-TOL-14672 Datasheet
144Kb / 2P
   Insulated Silicone Soldering Mat
4??0??8
logo
FCI connector
65781 FCI-CONNECTOR-65781 Datasheet
419Kb / 6P
   HOUSING MAT: FILLED POLYESTER
logo
Bertech.
2059S BERTECH-2059S Datasheet
170Kb / 1P
   ESD Soldering Mats & Mat Kits
logo
FCI connector
71609 FCI-CONNECTOR-71609 Datasheet
65Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
logo
Omron Electronics LLC
NE0A-SCPU01 OMRON-NE0A-SCPU01 Datasheet
309Kb / 6P
   Safety Network Controller
logo
FCI connector
71607 FCI-CONNECTOR-71607 Datasheet
61Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
76342 FCI-CONNECTOR-76342 Datasheet
78Kb / 2P
   HOUSING MAT: THERMOPLASTIC GLASS FILLED
logo
Molex Electronics Ltd.
SD-34805-001 MOLEX-SD-34805-001 Datasheet
215Kb / 1P
   CTX150 MAT SEAL RECEPTACLE TERMINAL
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com