Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VWS250Y28-A Datasheet(PDF) 3 Page - Power-One

Part # VWS250Y28-A
Description  300W Standard Full Brick
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

VWS250Y28-A Datasheet(HTML) 3 Page - Power-One

  VWS250Y28-A Datasheet HTML 1Page - Power-One VWS250Y28-A Datasheet HTML 2Page - Power-One VWS250Y28-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and
add them to the model number. Example ordering options are located below the options table.
Example Options:
HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and 0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not authorized for use as critical components in life support systems, equipment used
in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manu-
factured. Specifications are subject to change without notice.
OPTIONS
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, HLS, LES,
TTL "Low" Turns Module ON
QBS, QES, QLS, TES, TQD
TTL "High" Turns Module OFF
Lucent Compatible Trim
T
HAS, HBD, HBS, HES, HLS, QBS, QES,
QLS
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
PIN LENGTH AND HEATSINK
OPTIONS
Standard Pin Length is 0.180"
(4.6mm)
0.110" (2.8mm) Pin Length
8
All Units (Except SMS)
0.150" (3.8mm) Pin Length
9
All Units (Except SMS)
0.24" (6.1mm) Horizontal Heatsink
1H
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.24" (6.1mm) Vertical Heatsink
1V
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.45" (11.4mm) Horizontal Heatsink
2H
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.45" (11.4mm) Vertical Heatsink
2V
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.95" (24.1mm) Horizontal Heatsink
3H
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.95" (24.1mm) Vertical Heatsink
3V
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
Powering Communications and Technology
3


Similar Part No. - VWS250Y28-A

ManufacturerPart #DatasheetDescription
logo
Power-One
VWS100Y28 POWER-ONE-VWS100Y28 Datasheet
352Kb / 3P
   100W Full Brick
VWS100YG POWER-ONE-VWS100YG Datasheet
352Kb / 3P
   100W Full Brick
VWS100YH POWER-ONE-VWS100YH Datasheet
352Kb / 3P
   100W Full Brick
VWS100YJ POWER-ONE-VWS100YJ Datasheet
352Kb / 3P
   100W Full Brick
VWS100YK POWER-ONE-VWS100YK Datasheet
352Kb / 3P
   100W Full Brick
More results

Similar Description - VWS250Y28-A

ManufacturerPart #DatasheetDescription
logo
Power-One
VWS150YG POWER-ONE-VWS150YG Datasheet
154Kb / 3P
   150W Standard Full Brick
logo
Astec America, Inc
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
XP Power Limited
QSB400 XPPOWER-QSB400 Datasheet
141Kb / 4P
   Industry Standard Full Brick Package
QSB40024S05 XPPOWER-QSB40024S05 Datasheet
141Kb / 4P
   Industry Standard Full Brick Package
logo
Advanced Thermal Soluti...
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0_17 Datasheet
448Kb / 1P
   Hole pattern fits standard full power brick modules
REV4_0117
ATS-1184-C1-R0 ATS-ATS-1184-C1-R0_17 Datasheet
323Kb / 1P
   Hole pattern fits standard full power brick modules
REV4_0117
ATS-1186-C1-R0 ATS-ATS-1186-C1-R0_17 Datasheet
324Kb / 1P
   Hole pattern fits standard full power brick modules
REV4_0117
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0_17 Datasheet
333Kb / 1P
   Hole pattern fits standard full power brick modules
REV4_0117
ATS-1179-C1-R0 ATS-ATS-1179-C1-R0_17 Datasheet
321Kb / 1P
   Hole pattern fits standard full power brick modules
REV4_0117
ATS-1178-C1-R0 ATS-ATS-1178-C1-R0_17 Datasheet
313Kb / 1P
   Hole pattern fits standard full power brick modules
REV4_0117
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com