Electronic Components Datasheet Search |
|
NJU6214 Datasheet(PDF) 4 Page - New Japan Radio |
|
NJU6214 Datasheet(HTML) 4 Page - New Japan Radio |
4 / 7 page 2010/04/27 ( 4 / 7 ) NJU6214 Series (VDD=2.5V,Ta=+25°C) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT A version, f0=60MHz, CL=15pF 3.7 5.0 B version, f0/2=30MHz, CL=15pF 2.4 3.3 C version, f0/4=15MHz, CL=15pF 1.6 2.4 D version, f0/8=7.5MHz, CL=15pF 1.2 2.0 Operating Current IDD *E version, f0/16=3.75MHz, CL=15pF 1.0 2.0 mA Oscillation Stopping Current ISTB CONT=VSS, No load 1 uA VIH 1.75 2.5 V Input Voltage VIL 0 0.75 V VOH IOH=4mA 2.25 V Output Voltage VOL IOL=4mA 0.25 V CONT=0.8VDD 4.2 9.0 uA Input Current IIN CONT=0.2VDD 0.3 0.6 uA 3-state Off Leakage Current IOZ CONT=VSS, FOUT= VDD or VSS ±0.1 uA Feedback Resistance Rf 270 kΩ Internal Capacitor Cg fosc=60MHz 9.3 pF Internal Capacitor Cd fosc=60MHz 10.7 pF Oscillation Frequency fosc Recommendation Note4) 60 MHz Output Signal Symmetry SYM CL=15pF, @VDD/2 45 50 55 % Output Signal Rise Time tr CL=15pF, 0.1VDD to 0.9VDD 2.2 3.7 ns Output Signal Fall Time tf CL=15pF, 0.9VDD to 0.1VDD 2.2 3.7 ns Output Disable time TPOZ CL=15pF, RL=1kΩ 100 ns Output Enable Time TPZO CL=15pF 1 ms Note4) The oscillation frequency range has used NJRC’s standard crystal for measurement. However it is not guaranteed. (Refer to EXAMPLE OF CRYSTAL PARAMETERS FOR MEASUREMENT CIRCUITS) * Under Development. |
Similar Part No. - NJU6214 |
|
Similar Description - NJU6214 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |