Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6215XC-X Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU6215XC-X
Description  Low Operating Current Fundamental Quartz Crystal Oscillator IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6215XC-X Datasheet(HTML) 1 Page - New Japan Radio

  NJU6215XC-X Datasheet HTML 1Page - New Japan Radio NJU6215XC-X Datasheet HTML 2Page - New Japan Radio NJU6215XC-X Datasheet HTML 3Page - New Japan Radio NJU6215XC-X Datasheet HTML 4Page - New Japan Radio NJU6215XC-X Datasheet HTML 5Page - New Japan Radio NJU6215XC-X Datasheet HTML 6Page - New Japan Radio NJU6215XC-X Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2010/04/28 ( 1 / 7 )
NJU6215 Series
Low Operating Current Fundamental Quartz Crystal Oscillator IC
!
GENERAL DESCRIPTION
!
PACKAGE OUTLINE
The NJU6215 series is a C-MOS quartz crystal oscillator IC
realized excellent frequency stability for fundamental (up to
60MHz) oscillation, and consists of an oscillation amplifier,
4-stage divider, 3-state output buffer and a built-in LDO.
The operating voltage is from 1.62V to 3.63V, and the LDO
holds down the characteristic change of the oscillation
amplifier for operating voltage variation, and has been
stabilized oscillation frequency.
The 4-stage divider generates only one frequency selected
of f0,f0/2,f0/4 f0/8 and f0/16 internal circuits is output.
The 3-state output buffer is C-MOS compatible of high
fan-out.
The NJU6215 is suitable for the battery drive application
such as cellular phones,
because it has achieved low
operating current by optimizing the tristate buffer.
!
FEATURES
!
PAD LOCATION
"
Low Operating Current
1mA typ.@40MHz/1.8V/5pF
"
Frequency Stability
±1ppm@VDD±10%
"
Operating Voltage
1.62 to 3.63V
"
Maximum Oscillation Frequency
Up to 50MHz
"
4-Stage Divider
Maximum Divider f0/16
"
Built-in LDO
"
Oscillation Stop and Output Stand-by Function
"
3-State Output Buffer
"
Variable Pull-up Resistance on-Die
"
Oscillation Capacitors Cg and Cg on-Die
"
Package Outline
Die/Wafer
"
C-MOS Technology
!
LINE-UP TABLE
!
COORDINATES
!
EXAMPLE OF PART NUMBER
1)NJU6212AW-L
FOUT=f0, Wafer Thickness=140um
2)NJU6212CC-L
FOUT= f0/4, Die Thickness=140um
Internal Connect
Type No.
FOUT
Short
Open
N
Cg/Cd
A
f0
A
B
-
9.3/10.7pF
*B
f0/2
B
A
2
9.3/10.7pF
*C
f0/4
B
A
4
9.3/10.7pF
*D
f0/8
B
A
8
9.3/10.7pF
NJU6215
*E
f0/16
B
A
16
9.3/10.7pF
* Under Development
No
Pad Name
X
Y
1
CONT
-189
231
2
XTI
-189
77
3
XTO
-189
-77
4VSS
-189
-231
5FOUT
215
-231
6VDD
222
231
Starting Point: Die Center
Unit[um]
Die Size: 0.70x0.75mm
Die Thickness (C-L): 140
±10um
Wafer Thickness (W-L): 140
±10um
Pad size: 90x90um
Die Substrate: VSS level
NJU6215XC-X
Die
CONT
XTI
VSS
FOUT
XTO
VDD


Similar Part No. - NJU6215XC-X

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
   Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
NJU6214AW-L NJRC-NJU6214AW-L Datasheet
137Kb / 7P
   Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
NJU6214CC-V NJRC-NJU6214CC-V Datasheet
137Kb / 7P
   Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
NJU6214XC-X NJRC-NJU6214XC-X Datasheet
137Kb / 7P
   Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
More results

Similar Description - NJU6215XC-X

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
   Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
NJU6363 NJRC-NJU6363 Datasheet
100Kb / 6P
   Fundamental Quartz Crystal Oscillator
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
NJU62221 NJRC-NJU62221 Datasheet
89Kb / 8P
   1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
   1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6360 NJRC-NJU6360 Datasheet
46Kb / 5P
   High Drive Fundamental Quartz Crystal Oscillator
logo
Nippon Precision Circui...
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5623N NPC-SM5623N Datasheet
159Kb / 8P
   Quartz Crystal Oscillator IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com