Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7026 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU7026
Description  Small Package, 13關A, Rail-to-Rail Output Single CMOS Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7026 Datasheet(HTML) 3 Page - New Japan Radio

  NJU7026 Datasheet HTML 1Page - New Japan Radio NJU7026 Datasheet HTML 2Page - New Japan Radio NJU7026 Datasheet HTML 3Page - New Japan Radio NJU7026 Datasheet HTML 4Page - New Japan Radio NJU7026 Datasheet HTML 5Page - New Japan Radio NJU7026 Datasheet HTML 6Page - New Japan Radio NJU7026 Datasheet HTML 7Page - New Japan Radio NJU7026 Datasheet HTML 8Page - New Japan Radio NJU7026 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NJU7026
- 3 -
E0 20100202
ELECTRICAL CHARACTERISTICS
DC CHARACTER (VDD=5V, VSS=0V, Ta=25˚C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Current
IDD
No Signal
-
13
20
µA
Input Offset Voltage
VIO
Vic=0V, RS=50Ω
-
0.9
4
mV
Input Offset Voltage drift
ΔVio/ΔT
-
1.5
-
µV/ºC
Input Bias Current
IB
-
1
-
pA
Input Offset Current
IIO
-
1
-
pA
Open loop gain
AV
Vo=0.5V to 4.5V, RL=100kΩ to 2.5V
70
90
-
dB
Common Mode Rejection Ratio
CMR
VICM=0V to 4.1V
65
80
-
dB
Supply Voltage Rejection Ratio
SVR
VDD=1.8V to 5.5V
70
90
-
dB
VOH1
RL=100kΩ to 2.5V
4.9
4.95
-
V
Maximum Output Voltage 1
VOL1
RL=100kΩ to 2.5V
-
0.05
0.1
V
VOH2
RL=100kΩ to 0V
4.9
4.95
-
V
Maximum Output Voltage 2
VOL2
RL=100kΩ to 0V
-
0.02
0.05
V
VOH3
Isource=1mA
4.8
4.85
-
V
Maximum Output Voltage 3
VOL3
Isink=1mA
-
0.15
0.2
V
Common Mode Input Voltage Range
VICM
CMR≥65dB
0
-
4.1
V
AC CHARACTER (VDD=5V, VSS=0V, Ta=25˚C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gain Bandwidth Product
GBW
RL=100kΩ to 2.5V, CL=20pF, f=10kHz
-
160
-
kHz
Phase Margin
φM
RL=100kΩ to 2.5V, CL=20pF
-
80
-
deg
Gain Margin
GM
RL=100kΩ to 2.5V, CL=20pF
-
15
-
dB
Equivalent Input Noise Voltage
en
f=1kHz
-
50
-
nV/√Hz
Slew Rate
SR
GV=0dB, RL=100kΩ to 2.5V, CL=20pF,
Vin=3Vpp (1V to 4V)
(Note4) (Note5)
-
0.05
-
V/us
Power Bandwidth
PBW
GV=6dB, RF=50kΩ, RG=50kΩ, CL=20pF,
Vin=2.5Vpp (1.25V to 3.75V), Vo≥4.8Vpp
(Note6)
-
5
-
kHz
Total Harmonic Distortion
THD
GV=6dB, RF=50kΩ, RG=50kΩ, CL=20pF,
Vo=4Vpp, f=100Hz
(Note6)
-
0.01
-
%
(Note4) Slew rate is defined by the lower value of the rise or fall.
(Note5) See figure2-1 for test circuit.
(Note6) See figure2-3 for test circuit
.


Similar Part No. - NJU7026

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7021D NJRC-NJU7021D Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7021M NJRC-NJU7021M Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7021V NJRC-NJU7021V Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7022 NJRC-NJU7022 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results

Similar Description - NJU7026

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7028 NJRC-NJU7028 Datasheet
320Kb / 10P
   13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJU77000 NJRC-NJU77000 Datasheet
290Kb / 8P
   1.5V, 0.29關A, Ultralow Power, Rail-to-Rail Input/Output Single CMOS Operational Amplifier
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
STMicroelectronics
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
logo
Analog Devices
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP250 AD-OP250_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com