Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7026F Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7026F
Description  Small Package, 13關A, Rail-to-Rail Output Single CMOS Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7026F Datasheet(HTML) 2 Page - New Japan Radio

  NJU7026F Datasheet HTML 1Page - New Japan Radio NJU7026F Datasheet HTML 2Page - New Japan Radio NJU7026F Datasheet HTML 3Page - New Japan Radio NJU7026F Datasheet HTML 4Page - New Japan Radio NJU7026F Datasheet HTML 5Page - New Japan Radio NJU7026F Datasheet HTML 6Page - New Japan Radio NJU7026F Datasheet HTML 7Page - New Japan Radio NJU7026F Datasheet HTML 8Page - New Japan Radio NJU7026F Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJU7026
- 2 -
E0 20100202
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C, unless otherwise noted.)
(Note1) For supply voltage less than
+7V, the absolute maximum rating is equal to the supply voltage.
(Note2) EIA/JEDEC STANDARD Test board (76.2 x 114.3 x 1.6mm, 2layers, FR-4) mounting.
(Note3) Do not exceed “Power dissipation: PD” in which power dissipation in IC is shown by the absolute maximum rating.
See Figure “Power Dissipation Curve” when ambient temperature is over 25
˚C.
RECOMMENDED OPERATING CONDITION (Ta=25˚C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
1.8 to 5.5
V
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
+7
V
Input Common Mode Voltage
VICM
VSS-0.3 to VDD+0.3
V
Differential Input Voltage
VID
±7 (Note1)
V
Power Dissipation
PD
390[MTP5] *2), 280[SC88A] *2)
mW
Operating Temperature Range
Topr
-40 to +85
˚C
Storage Temperature Range
Tstg
-55 to +125
˚C
Power Dissipation Derating Curve
0
100
200
300
400
500
5
15 25354555 657585 95 105
Ambient Temperature Ta(deg)
SC88A(Note2)
MTP5(Note2)


Similar Part No. - NJU7026F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7021D NJRC-NJU7021D Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7021M NJRC-NJU7021M Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7021V NJRC-NJU7021V Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7022 NJRC-NJU7022 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results

Similar Description - NJU7026F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7028 NJRC-NJU7028 Datasheet
320Kb / 10P
   13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJU77000 NJRC-NJU77000 Datasheet
290Kb / 8P
   1.5V, 0.29關A, Ultralow Power, Rail-to-Rail Input/Output Single CMOS Operational Amplifier
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
STMicroelectronics
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
logo
Analog Devices
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP250 AD-OP250_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com