Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VM-03005CD Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8VM-03005CD
Description  Switch Mode Power Supply
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM-03005CD Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8VM-03005CD Datasheet HTML 1Page - Omron Electronics LLC S8VM-03005CD Datasheet HTML 2Page - Omron Electronics LLC S8VM-03005CD Datasheet HTML 3Page - Omron Electronics LLC S8VM-03005CD Datasheet HTML 4Page - Omron Electronics LLC S8VM-03005CD Datasheet HTML 5Page - Omron Electronics LLC S8VM-03005CD Datasheet HTML 6Page - Omron Electronics LLC S8VM-03005CD Datasheet HTML 7Page - Omron Electronics LLC S8VM-03005CD Datasheet HTML 8Page - Omron Electronics LLC S8VM-03005CD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
CSM_S8VM_DS_E_7_1
1
Switch Mode Power Supply
S8VM (15/30/50/100/150/300/600/1,500-W Models)
Power Supply Featuring OMRON’s Unique, New Undervoltage Alarm Function with
Compact Body Contributing to Machine Downsizing
• New undervoltage alarm function assists in determining causes of errors (S8VM-
@@@24A@/P@ only).
• Power failure alarm function provides notification of output voltage errors (300-, 600-, and 1,500-W models only).
• Broad range of possibilities with 8 capacities and 29 models to choose from.
• RoHS-compliant
• New, attentive design prevents screws from falling out of terminal block (except for output terminals of 300-, 600-, and 1,500-W
models).
• Finger protection prevents electric shock.
• DIN Rail mounting.
• Safety standards: UL508/60950-1/1604, CSA C22.2 No. 14/No. 60950-1/No. 213, EN50178, EN60950-1 (The 300-, 600-, and
1,500-W models will not conform to safety standards if the customer replaces the fan.)
• Conforms to SEMI F47-0200 (when 200-V input is used).
• Harmonic current emissions: Conforms to EN61000-3-2 (except for 15- and 30-W models).
! Refer to Safety Precautions for All Power Supplies and Safety Precautions on page 32.
Model Number Structure
■ Model Number Legend
Note: Not all combinations are possible. Refer to List of Models in Ordering Information on page 2.
Note: 1. A forced-air cooling method with a fan is used with 300-, 600-, and 1,500-W models.
2. The housing and terminal of the connector for the undervoltage alarm output are provided with the S8VM-05024A
@/P@, S8VM-
10024A
@/P@ and S8VM-15024A@/P@.
3. Bottom mounting models cannot be used for front mounting. For a front mounting configuration, use a DIN Rail Mounting Bracket model
or Mounting Brackets (sold separately).
12
3 4
S8VM-
@@@@@@@
1. Power Ratings
015:
15 W
030:
30 W
050:
50 W
100:
100 W
150:
150 W
300:
300 W
600:
600 W
152: 1,500 W
2. Output Voltage
05: 5 V
12: 12 V
15: 15 V
24: 24 V
3. Configuration/Functions
None: Open-frame type Standard type
C:
Covered type
Standard type
A:
Covered type
Undervoltage alarm type (Sinking)
(See note 2.)
P:
Covered type
Undervoltage alarm type (Sourcing)
(See note 2.)
4. Configuration
None:
Bottom mounting type (See note 3.)
D:
DIN Rail mounting bracket type


Similar Part No. - S8VM-03005CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VM-03005CD OMRON-S8VM-03005CD Datasheet
6Mb / 38P
   Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
S8VM-03005CD OMRON-S8VM-03005CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VM-03005CD

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com