Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU26203AV Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU26203AV
Description  Dolby Pro Logic II Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26203AV Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU26203AV Datasheet HTML 3Page - New Japan Radio NJU26203AV Datasheet HTML 4Page - New Japan Radio NJU26203AV Datasheet HTML 5Page - New Japan Radio NJU26203AV Datasheet HTML 6Page - New Japan Radio NJU26203AV Datasheet HTML 7Page - New Japan Radio NJU26203AV Datasheet HTML 8Page - New Japan Radio NJU26203AV Datasheet HTML 9Page - New Japan Radio NJU26203AV Datasheet HTML 10Page - New Japan Radio NJU26203AV Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJU26203A
-7-
Ver.2008-12-10
Audio Interface
The NJU26203A audio interface provides industry serial data formats of I2S, MSB-first Left-justified or MSB-first
Right-justified. The NJU26203A audio interface provides four data inputs, SDI0, SDI1, SDI2 and SDI3, and four data
outputs, SDO0, SDO1, SDO2 and SDO3 as shown in table 2 and 3. The input serial data is selected by the firmware
command.
Table 2
Serial Audio Input Pin
Description
Pin No.
Symbol
Stereo input
Multi channel input
4
SDI0
3
SDI1
Audio Data Input (L/R)
(SDI0/SDI1 pin select)
Audio Data Input (L/R)
(SDI0/SDI1 pin select)
2
SDI2
None
Audio Data Input 2 (C/SW)
1
SDI3
None
Audio Data Input 3 (LS/RS)
Table 3
Serial Audio Output Pin
Pin No.
Symbol
Description
40
SDO0
Audio Data Output 0 (LB/RB)
39
SDO1
Audio Data Output 1 (L/R)
38
SDO2
Audio Data Output 2 (C/SW)
37
SDO3
Audio Data Output 3 (LS/RS)
Host Interface
The NJU26203A can be controlled via Serial Host Interface (SHI) using either of two serial bus formats : I2C bus or
4-Wire serial bus. Data transfers are in 8 bits packets (1 byte) when using either format. The SHI operates only in a
SLAVE fashion. A host controller connected to the interface always drives the clock (SCL / SCK) line and initiates data
transfers, regardless of the chosen communication protocol.
The detail I2C bus and 4-Wire Serial bus information are described in the ‘NJU26200 Series Hardware Data
Sheet’.
Table 4 Serial Host Interface Pin Descriptions
Pin No.
Symbol
Setting
Host Interface
Low
I2C Bus Interface
16
SEL
High
4-Wire Serial Interface
Table 5
Serial Host Interface Pin Description
Pin No.
Symbol
(I
2C /Serial)
I
2C bus Interface
4-Wire Serial Interface
29
AD1/SDIN
I
2C Address Select Bit1
Serial data input
30
AD2/SSb
I
2C Address Select Bit2
Slave select
31
SCL/SCK
Serial Clock
Serial Clock
32
SDA/SDOUT
Serial Data Input/Output
(Open Drain output)
Serial data output
(CMOS Output)
Note:
When I
2C Bus is selected, the SDA/SDOUT pin is a bi-directional Open Drain output. This pin, which is assigned
for I
2C Bus, requires a pull-up resistance.
When 4-Wire Serial bus is selected, the SDA/SDOUT pin is CMOS output.
The SDA/SDOUT pin isn’t 5.0V Input tolerant.


Similar Part No. - NJU26203AV

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26203 NJRC-NJU26203 Datasheet
209Kb / 11P
   Dolby Pro Logic II Decoder
NJU26203V NJRC-NJU26203V Datasheet
209Kb / 11P
   Dolby Pro Logic II Decoder
More results

Similar Description - NJU26203AV

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26203 NJRC-NJU26203 Datasheet
209Kb / 11P
   Dolby Pro Logic II Decoder
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
   Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com