Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2141D Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2141D
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2141D Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2141D Datasheet HTML 1Page - Diodes Incorporated AP2141D Datasheet HTML 2Page - Diodes Incorporated AP2141D Datasheet HTML 3Page - Diodes Incorporated AP2141D Datasheet HTML 4Page - Diodes Incorporated AP2141D Datasheet HTML 5Page - Diodes Incorporated AP2141D Datasheet HTML 6Page - Diodes Incorporated AP2141D Datasheet HTML 7Page - Diodes Incorporated AP2141D Datasheet HTML 8Page - Diodes Incorporated AP2141D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP2141D/AP2151D
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2141D/2151D
Document number: DS32242 Rev. 1 - 2
1 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Description
The AP2141D and AP2151D are integrated high-side power
switches optimized for Universal Serial Bus (USB) and other
hot-swap applications. The family of devices complies with
USB 2.0 and available with both polarities of Enable input.
They offer current and thermal limiting and short circuit
protection as well as controlled rise time and under-voltage
lockout functionality. A 7ms deglitch capability on the open-
drain Flag output prevents false over-current reporting and
does not require any external components.
All devices are available in SOT25, SO-8, MSOP-8-EP, and
DFN2018-6 packages.
Features
Single USB port power switches with output discharge
Over-current and thermal protection
0.8A accurate current limiting
Fast transient response
Reverse Current Blocking
90m
Ω on-resistance
Input voltage range: 2.7V – 5.5V
0.6ms typical rise time
Very low shutdown current: 1µA (max)
Fault report (FLG) with blanking time (7ms typ)
ESD protection: 4KV HBM, 300V MM
Active high (AP2151D) or active low (AP2141D) enable
Ambient temperature range -40ºC to 85°C
SOT25, SO-8, MSOP-8-EP (Exposed Pad), and
DFN2018-6: Available in “Green” Molding Compound
(No Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
UL Recognized, File Number E322375 (pending)
IEC60950-1 CB Scheme Certified
Applications
Consumer electronics – LCD TV & Monitor, Game
Machines
Communications – Set-Top-Box, GPS, Smartphone
Computing – Laptop, Desktop, Servers, Printers, Docking
Station, HUB
Pin Assignments
SO-8
( Top View )
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
MSOP-8-EP
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
( Top View )
EN
OUT
GND
IN
FLG
1
2
3
5
4
SOT25
( Top View )
FLG
EN
GND
OUT
OUT
IN
1
3
2
4
5
6
DFN2018-6
( Top View )
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP2141D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2141D DIODES-AP2141D Datasheet
504Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 2 - 2
AP2141D_1009 DIODES-AP2141D_1009 Datasheet
504Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 2 - 2
More results

Similar Description - AP2141D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141D_1009 DIODES-AP2141D_1009 Datasheet
504Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 2 - 2
AP2142A DIODES-AP2142A Datasheet
778Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com