Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51EM256 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF51EM256
Description  MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51EM256 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF51EM256_2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51EM256_2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51EM256_2 Datasheet HTML 3Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Freescale Semiconductor
MCF51EM256220RDDS
Reference Design Data Sheet
Rev. 0, 10/2009
© Freescale Semiconductor, Inc., 2009. All rights reserved.
 
MCF51EM256-based Poly Phase
Energy Meter Reference Design
220V Technical Specifications
Electrical
Connection type
Direct connected (Whole current)
Wiring configuration
3 phase 4 wire & 1 phase 2 wire
Voltage rating
230V +/-10% (L-N)
Current range
10-60 A
Accuracy
Class 0.5
Frequency range
47Hz to 53Hz
Pulse constant
800 impulses/kWh & 800 impulses/kVArh
Standard compliance
IEC 62053-11, IEC 62053-22, IEC 62053-23 & IEC62056-21
Mechanical
Dimensions (WxHxD)
168 x 242 x 84 mm
Weight
1.675 kg
Enclosure
Plastic (PC/ABS blends)
Sealing
Sealing screws provision


Similar Part No. - MCF51EM256_2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51EM256CLK FREESCALE-MCF51EM256CLK Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51EM256CLL FREESCALE-MCF51EM256CLL Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256_1 Datasheet
90Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
More results

Similar Description - MCF51EM256_2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51EM256 FREESCALE-MCF51EM256_1 Datasheet
90Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
logo
Microchip Technology
PIC18F87J72 MICROCHIP-PIC18F87J72_11 Datasheet
2Mb / 50P
   Single-Phase Energy Meter Reference Design
2011
MCP3901 MICROCHIP-MCP3901_12 Datasheet
2Mb / 46P
   Energy Meter Reference Design
2012
logo
STMicroelectronics
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
   Mono-phase energy meter based on ST7Flite
STPMC1 STMICROELECTRONICS-STPMC1_V01 Datasheet
2Mb / 10P
   Programmable poly-phase energy calculator IC
November 2012
STPMC1 STMICROELECTRONICS-STPMC1 Datasheet
2Mb / 77P
   Programmable poly-phase energy calculator IC
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
   Single-phase energy meter with tamper detection based on ST7FLITE2x
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030_15 Datasheet
153Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
logo
SHANGHAI BELLING CO., L...
BL0952A BELLING-BL0952A Datasheet
516Kb / 13P
   Three-phase Active Energy Meter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com