Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5101SG-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP5101SG-13
Description  1.5A Step-Down Converter with 1.4MHz Switching Frequency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5101SG-13 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP5101SG-13 Datasheet HTML 2Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 3Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 4Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 5Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 6Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 7Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 8Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 9Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AP5101
1.5A Step-Down Converter with 1.4MHz Switching
Frequency
AP5101
Document number: DS32258 Rev. 1 - 2
6 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Typical Performance Characteristics
VIN =12V, VOUT =3.3V, L =4.7uH, C1=10uF, C2=22uF, Ta=+25
C, unless otherwise noted.
Steady State Test
IOUT=0.5A
Time- 1us/div
Load Transient Test
IOUT=0.2A to 0.8A. Step at 0.8A/us
Time- 100us/div
Start-up Through Enable (No Load)
Time- 50us/div
Start-up through Enable (IOUT=1A, resistive load)
Time- 50us/div
Shutdown Through Enable (No Load)
Time- 50us/div
Shutdown Through Enable (IOUT=1A, resistive)
Time- 50us/div


Similar Part No. - AP5101SG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
AP5100 DIODES-AP5100 Datasheet
362Kb / 10P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100 DIODES-AP5100 Datasheet
389Kb / 12P
   1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
AP5100W DIODES-AP5100W Datasheet
362Kb / 10P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100WG-7 DIODES-AP5100WG-7 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results

Similar Description - AP5101SG-13

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Diodes Incorporated
AP5100_1011 DIODES-AP5100_1011 Datasheet
362Kb / 10P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100 DIODES-AP5100_V01 Datasheet
389Kb / 12P
   1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
   1.5A, 23V, 1.4MHz Step-Down Converter
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
   1.4MHz, 1.5A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com