Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMS6004DT8 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6004DT8
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004DT8 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6004DT8 Datasheet HTML 1Page - Diodes Incorporated ZXMS6004DT8 Datasheet HTML 2Page - Diodes Incorporated ZXMS6004DT8 Datasheet HTML 3Page - Diodes Incorporated ZXMS6004DT8 Datasheet HTML 4Page - Diodes Incorporated ZXMS6004DT8 Datasheet HTML 5Page - Diodes Incorporated ZXMS6004DT8 Datasheet HTML 6Page - Diodes Incorporated ZXMS6004DT8 Datasheet HTML 7Page - Diodes Incorporated ZXMS6004DT8 Datasheet HTML 8Page - Diodes Incorporated ZXMS6004DT8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
4 of 9
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
RECOMMENDED OPERATING CONDITIONS
The ZXMS6004DT8 is optimised for use with µC operating from 3.3V and 5V supplies.
Symbol
Description
Min
Max
Units
VIN
Input voltage range
0
5.5
V
TA
Ambient temperature range
-40
125
°C
VIH
High level input voltage for MOSFET to be on
3
5.5
V
VIL
Low level input voltage for MOSFET to be off
0
0.7
V
VP
Peripheral supply voltage (voltage to which load is referred)
0
36
V
CHARACTERISTICS
110
10m
100m
1
Limited by Over-Current Protection
Single Pulse
T
amb
=25°C
See Note (a)(d)
Limited
by R
DS(on)
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
DS
Drain-Source Voltage (V)
Limit of s/c protection
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1 active die
Derating Curve
Temperature (°C)
2 active die
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
120
T
amb
=25°C
See Note (a)(d)
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
See Note (a)(d)
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - ZXMS6004DT8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6004DT8Q DIODES-ZXMS6004DT8Q Datasheet
541Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004DT8QTA DIODES-ZXMS6004DT8QTA Datasheet
541Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
More results

Similar Description - ZXMS6004DT8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004FF DIODES-ZXMS6004FF Datasheet
414Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004DGTA DIODES-ZXMS6004DGTA Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6004DGQ-13 DIODES-ZXMS6004DGQ-13 Datasheet
711Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
Rev. 1 - 2
ZXMS6005N8 DIODES-ZXMS6005N8 Datasheet
684Kb / 8P
   60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
June 2017
logo
List of Unclassifed Man...
BSP75G ETC1-BSP75G Datasheet
68Kb / 4P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com