Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3100-30Q10999 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3100-30Q10999
Description  Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3100-30Q10999 Datasheet(HTML) 1 Page - Tyco Electronics

  3100-30Q10999 Datasheet HTML 1Page - Tyco Electronics 3100-30Q10999 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
832
PRODUCTS UNLIMITED
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Contact Ratings
Features
• 3-pole contactors.
• Industry-standard mounting plate.
• Optional interlock/auxiliary switches available.
• Manual test button is standard.
• Coil dust cover helps keep dust and dirt away from magnet and coil area.
• Double E magnet system provides optimal performance.
Coil Data
Nominal Coil Voltage
24
120
208/240
277
480
Maximum Pickup Volts
18
88
177
220
384
Drop-Out Volts Range
6 -15
20 - 70
40 - 140
65 - 185
150 - 270
Nominal Inrush VA @ 50 Hz
60
60
60
60
65
Nominal Inrush VA @ 60 Hz
53
53
53
53
53
Nominal Sealed VA @ 50 Hz
6.0
6.0
6.0
6.0
6.0
Nominal Sealed VA @ 60 Hz
5
5
5
5
5
Nominal DC Resistance - Ohms
7
180
720
950
3100
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Full
Number
Line
Locked
Resistive
Maximum Horsepower
Load
of
Voltage
Rotor
Amps
Voltage
Single
Three
Amps
Poles
Amps
Rating
Phase
Phase
240/277
120
30
110/120
1.5
-
20
3
480
100
30
200/240
3
7.5
600
80
30
480/600
-
7.5
110/120
2
-
240/277
150
35
200/208
-
7.5
25
3
480
125
35
240/277
5
10
600
100
35
480
-
15
600
-
20
110/120
2
-
240/277
180
40
200/208
-
10
30
3
480
150
40
240/277
5
10
600
120
40
480
-
15
600
-
20
110/120
3
-
240/277
240
50
200/208
-
10
40
3
480
200
50
240/277
7.5
10
600
160
50
480
-
20
600
-
25
Contact Data @ 25°C
Arrangements: 3 Form X (3PST-NO-DM).
Maximum Ratings: See Contact Ratings Table.
Material: Silver Cadmium Oxide.
Coil Data @ 25°C
Voltage: 24 - 480 VAC, 50/60 Hz. See Coil Data Table below.
Insulation Class: UL Class B (130°C).
Duty Cycle: Continuous.
Environmental Data
Temperature Range: Storage and Operating: -40°C – +65°C.
Flammability: UL 94-HB housing.
Mechanical Data
Contact Termination:
20, 25, 30 FLA Models
Type: #10-32 Screw with quad 0.250” (6.35 mm) quick connects.
Wire Size: 16-8 AWG (Stranding must be split for 8 AWG wire.)
Tightening Torque: 25 in.-lbs.
40 FLA Models
Type: Box Lug with dual 0.250” (6.35 mm) quick connects.
Wire Size: 14-4 Cu/Al AWG
Tightening Torque: 40 in.-lbs.
Coil Termination: Dual 0.250” (6.35 mm) quick connects, standard.
A 0.250” quick connect and a #6-32 screw, optional.
Arc Cover: Optional on 20-30 FLA models, standard on 40 FLA models.
Weight: 16 oz. (455 g) approximately
Model 98 - 3100 series
Definite Purpose Contactor
3-pole, 20-40 FLA
AC Coil
File E75492
File EN60947-4-1:1991
IEC 947-4-1


Similar Part No. - 3100-30Q10999

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3100-30Q12999 MACOM-3100-30Q12999 Datasheet
106Kb / 3P
   Definite Purpose Contactor 3-pole, 120 FLA AC Coil
More results

Similar Description - 3100-30Q10999

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-3100 MACOM-A-3100 Datasheet
106Kb / 3P
   Definite Purpose Contactor 3-pole, 120 FLA AC Coil
1308242 MACOM-1308242 Datasheet
753Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
96-3100 MACOM-96-3100 Datasheet
160Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
TE Connectivity Ltd
1308242 TEC-1308242 Datasheet
267Kb / 2P
   Definite Purpose Contactor 4-pole, 25-40 FLA AC Coil
logo
Tyco Electronics
96-3186 MACOM-96-3186 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 75-90 FLA AC Coil
3100-30K16999CJ MACOM-3100-30K16999CJ Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
93-3100 MACOM-93-3100 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
logo
TE Connectivity Ltd
DPC TEC-DPC Datasheet
242Kb / 4P
   Definite Purpose Contactor3- or 4-pole, 20-40 FLAAC Coil
logo
Schneider Electric
8910DPA23V04 SCHNEIDER-8910DPA23V04_V01 Datasheet
141Kb / 3P
   Contactor, Definite Purpose, 25A, 3 pole, 20 HP at 575 VAC, 3 phase, 277 VAC 60 Hz coil, open
May 20, 2022
8910DPA23V04 SCHNEIDER-8910DPA23V04 Datasheet
130Kb / 3P
   Contactor, Definite Purpose, 25A, 3 pole, 20 HP at 575 VAC, 3 phase, 277 VAC 60 Hz coil, open
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com