Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2211-24 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2211-24
Description  Infrared Remote Control Transmitter?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2211-24 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2211-24 Datasheet HTML 1Page - Princeton Technology Corp PT2211-24 Datasheet HTML 2Page - Princeton Technology Corp PT2211-24 Datasheet HTML 3Page - Princeton Technology Corp PT2211-24 Datasheet HTML 4Page - Princeton Technology Corp PT2211-24 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2211
Princeton Technology Corp.
Application Circuits
PT2211 (28 Pins) Application Circuit


Similar Part No. - PT2211-24

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT22111 DATATRONICS-PT22111 Datasheet
92Kb / 1P
   Low Cost Common Mode EMI Suppression Inductors (open type)
PT22112 DATATRONICS-PT22112 Datasheet
92Kb / 1P
   Low Cost Common Mode EMI Suppression Inductors (open type)
PT22113 DATATRONICS-PT22113 Datasheet
92Kb / 1P
   Low Cost Common Mode EMI Suppression Inductors (open type)
PT22114 DATATRONICS-PT22114 Datasheet
92Kb / 1P
   Low Cost Common Mode EMI Suppression Inductors (open type)
PT22115 DATATRONICS-PT22115 Datasheet
92Kb / 1P
   Low Cost Common Mode EMI Suppression Inductors (open type)
More results

Similar Description - PT2211-24

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
logo
Silan Microelectronics ...
SC6122 SILAN-SC6122 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com