Electronic Components Datasheet Search |
|
K10P-11D15-12 Datasheet(PDF) 1 Page - Tyco Electronics |
|
K10P-11D15-12 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 3 page 720 P&B Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Catalog 1308242 Issued 3-03 Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. K10 series 15 Amp General Purpose Miniature Relay File E22575 File LR15734 Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. Contact Ratings Contact Code Material UL/CSA Ratings Type 5 Silver-cadmium 15A @ 30VDC Resistive oxide 15A @ 120VAC Resistive 10A @ 277VAC Resistive 1/3HP @ 120VAC 1/2HP @ 250VAC Features • K10 - DPDT contact arrangement standard. • AC and DC coils. • Mounting options include socket, PCB, top flange. • UL Class B coil insulation system. Contact Data @ 25°C Materials: Silver-cadmium oxide. Expected Life: 10 million operations, mechanical; 100,000 operations minimum at rated loads. Coil Data @ 25°C Nominal Power: DC Coils: .9 Watts. AC Coils: 1.2VA. Maximum Power: 2.0 Watts. Duty Cycle: Continuous. Insulation: Class B: (130°C). Initial Dielectric Strength Between Open Contacts: 1,000V rms. Between Adjacent Contacts: 1,500V rms. Between Contacts and Coil: 1,500V rms. Operate Data @ 25°C Must Operate Voltage: DC Coils: 75% of nominal voltage. AC Coils: 85% of nominal voltage. Operate Time (Excluding Bounce): 13 milliseconds, typical, at nominal voltage. Release Time (Excluding Bounce): 6 milliseconds, typical, at nominal voltage. Environmental Data Temperature Range: Storage: -60°C to +105°C. Operating: -45°C to +70°C. Mechanical Data Mounting: Socket mount, printed circuit board, top flange. Termination: .187" (4.75mm) quick connect/solder terminals, or printed circuit terminals. Enclosure: Smoke-color polycarbonate dust cover. Weight: 1.8 oz. (51g) approximately. Coil Data DC Coils AC Coils Nominal Resistance Nominal Resistance Nominal Voltage in Ohms Current in in Ohms Current in ± 10% Milliamps ± 15% Milliamps 6 40 150 10.5 200 12 160 75 43 100 24 650 37 160 52 48 2,600 18.5 668 26 110 11,000 10 ___ ___ 120* ___ ___ 3,900 11 240* ___ ___ 12,000 6 *For 220/240VDC operation, use 11,000 Ohm, 5 Watt dropping resistor in series with the 110VDC coil. |
Similar Part No. - K10P-11D15-12 |
|
Similar Description - K10P-11D15-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |