Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K10P-11D55-24 Datasheet(PDF) 1 Page - Tyco Electronics

Part # K10P-11D55-24
Description  15 Amp General Purpose Miniature Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

K10P-11D55-24 Datasheet(HTML) 1 Page - Tyco Electronics

  K10P-11D55-24 Datasheet HTML 1Page - Tyco Electronics K10P-11D55-24 Datasheet HTML 2Page - Tyco Electronics K10P-11D55-24 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
720
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
K10 series
15 Amp General Purpose
Miniature Relay
File E22575
File LR15734
Users should thoroughly review the technical data before selecting a product
part number. It is recommended that users also seek out the pertinent approvals
files of the agencies/laboratories and review them to ensure the product meets
the requirements for a given application.
Contact Ratings
Contact Code
Material
UL/CSA Ratings
Type
5
Silver-cadmium
15A @ 30VDC
Resistive
oxide
15A @ 120VAC
Resistive
10A @ 277VAC
Resistive
1/3HP @ 120VAC
1/2HP @ 250VAC
Features
• K10 - DPDT contact arrangement standard.
• AC and DC coils.
• Mounting options include socket, PCB, top flange.
• UL Class B coil insulation system.
Contact Data @ 25°C
Materials: Silver-cadmium oxide.
Expected Life: 10 million operations, mechanical; 100,000
operations minimum at rated loads.
Coil Data @ 25°C
Nominal Power:
DC Coils: .9 Watts.
AC Coils: 1.2VA.
Maximum Power: 2.0 Watts.
Duty Cycle: Continuous.
Insulation: Class B: (130°C).
Initial Dielectric Strength
Between Open Contacts: 1,000V rms.
Between Adjacent Contacts: 1,500V rms.
Between Contacts and Coil: 1,500V rms.
Operate Data @ 25°C
Must Operate Voltage:
DC Coils: 75% of nominal voltage.
AC Coils: 85% of nominal voltage.
Operate Time (Excluding Bounce): 13 milliseconds, typical, at nominal
voltage.
Release Time (Excluding Bounce): 6 milliseconds, typical, at nominal
voltage.
Environmental Data
Temperature Range:
Storage: -60°C to +105°C.
Operating: -45°C to +70°C.
Mechanical Data
Mounting: Socket mount, printed circuit board, top flange.
Termination: .187" (4.75mm) quick connect/solder terminals, or
printed circuit terminals.
Enclosure: Smoke-color polycarbonate dust cover.
Weight: 1.8 oz. (51g) approximately.
Coil Data
DC Coils
AC Coils
Nominal
Resistance
Nominal
Resistance
Nominal
Voltage
in Ohms
Current in
in Ohms
Current in
± 10%
Milliamps
± 15%
Milliamps
6
40
150
10.5
200
12
160
75
43
100
24
650
37
160
52
48
2,600
18.5
668
26
110
11,000
10
___
___
120*
___
___
3,900
11
240*
___
___
12,000
6
*For 220/240VDC operation, use 11,000 Ohm, 5 Watt dropping resistor
in series with the 110VDC coil.


Similar Part No. - K10P-11D55-24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
K10P-11D55-24 MACOM-K10P-11D55-24 Datasheet
172Kb / 3P
   K10 Series Miniature Relay
More results

Similar Description - K10P-11D55-24

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
   Miniature General Purpose Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
DB Lectro Inc
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
   Miniature General Purpose Relay
logo
List of Unclassifed Man...
AZ429-C07-10LUS ETC2-AZ429-C07-10LUS Datasheet
321Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ9431 AZETTLER-AZ9431 Datasheet
106Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com