Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9100-403T999 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 9100-403T999
Description  Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9100-403T999 Datasheet(HTML) 2 Page - Tyco Electronics

  9100-403T999 Datasheet HTML 1Page - Tyco Electronics 9100-403T999 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
817
PRODUCTS UNLIMITED
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
9100-233Q999
9100-233T999
9100-233U999
Standard part numbers listed below are more likely to be available from stock.
Ordering Information
Typical Part No.
B
9100
-2
3
3
Q
999
1. Series:
9100 = 1- or 2-pole, 3-12 FLA relay
2. Pole Configuration:
2 = Two-pole
3 = Single-pole (1,2,3 omitted)
4 = Single-pole (4,5,6 omitted)
3. Contact Configuration – Poles 4, 5, 6:
1 = 1 Form A (SPST-NO), Silver Contacts.
7 = 1 Form A (SPST-NO), Gold Alloy Contacts.
2 = 1 Form B (SPST-NC), Silver Contacts.
8 = 1 Form B (SPST-NC), Gold Alloy Contacts.
3 = 1 Form C (SPDT), Silver Contacts
9 = 1 Form C (SPDT), Gold Alloy Contacts
4 = 1 Form A (SPST-NO), Fine Silver Contacts.
0 = 4, 5, 6 Omitted
5 = 1 Form B (SPST-NC), Fine Silver Contacts.
6 = 1 Form C (SPDT), Fine Silver Contacts
4. Contact Configuration – Poles 1, 2, 3:
1 = 1 Form A (SPST-NO), Silver Contacts.
7 = 1 Form A (SPST-NO), Gold Alloy Contacts.
2 = 1 Form B (SPST-NC), Silver Contacts.
8 = 1 Form B (SPST-NC), Gold Alloy Contacts.
3 = 1 Form C (SPDT), Silver Contacts
9 = 1 Form C (SPDT), Gold Alloy Contacts
4 = 1 Form A (SPST-NO), Fine Silver Contacts.
5 = 1 Form B (SPST-NC), Fine Silver Contacts.
6 = 1 Form C (SPDT), Fine Silver Contacts
5. Coil Voltage (50/60 Hz.):
B = 12VDC
Q = 24VAC
T = 120VAC
U = 208/240VAC
V = 277VAC
C = 24VDC
P = 100VAC
S = 200VAC
N = 240VAC
QS = 24VAC, low VA
6. Customer ID Suffix:
999 = Standard Model
000-998 = Factory assigned customer ID
Outline Dimensions
1.830
(46.48)
2.110
(53.6)
2.365
(60.1)
1.64
(41.66)
.203 DIA
(5.16)
2.01
(51.05)
.145
(3.68)
.16
(4.06)
.550
(13.97)
1.81
(45.97)
.095
(2.41)
.195
(4.95)
.15
(3.81)
.22
(5.59)
.495
(12.57)
.710
(19.03)


Similar Part No. - 9100-403T999

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9100-009U1000 BELDEN-9100-009U1000 Datasheet
150Kb / 3P
   Analog Video, RG59, 20 AWG Solid BCCS, Foil Alum Braid, CM PVC Jacket
04-14-2023
9100-0101000 BELDEN-9100-0101000 Datasheet
150Kb / 3P
   Analog Video, RG59, 20 AWG Solid BCCS, Foil Alum Braid, CM PVC Jacket
04-14-2023
9100-010U1000 BELDEN-9100-010U1000 Datasheet
150Kb / 3P
   Analog Video, RG59, 20 AWG Solid BCCS, Foil Alum Braid, CM PVC Jacket
04-14-2023
9100-010U500 BELDEN-9100-010U500 Datasheet
150Kb / 3P
   Analog Video, RG59, 20 AWG Solid BCCS, Foil Alum Braid, CM PVC Jacket
04-14-2023
9100-K101000 BELDEN-9100-K101000 Datasheet
150Kb / 3P
   Analog Video, RG59, 20 AWG Solid BCCS, Foil Alum Braid, CM PVC Jacket
04-14-2023
More results

Similar Description - 9100-403T999

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
96-3100 MACOM-96-3100 Datasheet
160Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
1308242 MACOM-1308242 Datasheet
753Kb / 2P
   Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
A-3100 MACOM-A-3100 Datasheet
106Kb / 3P
   Definite Purpose Contactor 3-pole, 120 FLA AC Coil
98-3100 MACOM-98-3100 Datasheet
79Kb / 2P
   Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
96-3186 MACOM-96-3186 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 75-90 FLA AC Coil
3100-30K16999CJ MACOM-3100-30K16999CJ Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
41901 MACOM-41901 Datasheet
297Kb / 3P
   Rast 5 Power Relay 419 01 2 pole 16 A, DC- and AC-coil
logo
TE Connectivity Ltd
1308242 TEC-1308242 Datasheet
267Kb / 2P
   Definite Purpose Contactor 4-pole, 25-40 FLA AC Coil
logo
Tyco Electronics
93-3100 MACOM-93-3100 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
logo
Vicor Corporation
PB1002PFCDC VICOR-PB1002PFCDC Datasheet
88Kb / 3P
   Power Supply Dual Input: AC and DC 1 or 2 Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com