Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2240P-D3 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2240P-D3
Description  Programmable Encoder IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2240P-D3 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2240P-D3 Datasheet HTML 1Page - Princeton Technology Corp PT2240P-D3 Datasheet HTML 2Page - Princeton Technology Corp PT2240P-D3 Datasheet HTML 3Page - Princeton Technology Corp PT2240P-D3 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Programmable Encoder IC
PT2240
PT2240 v 1.4
Page 1
Revised Nov.1999
Description
PT2240 is programmable encoder utilizing CMOS Technology specially designed for remote
control applications. It has a maximum of 22 Address which may be designed by a one-time
programmable process. It can support up to 8 Data Bits and is housed in 8 or 16-pin DIP or SO
Package. It encodes address and data codes into a coded waveform suitable for RF modulation.
The pin assignments and application circuit are optimized for easy PCB Layout and cost saving
advantage. Furthermore, PT2240’s intrinsic feature of being able to support 2/3/4/6/8 data bits
considerably reduces inventory pressures.
Features
CMOS Technology
Low Power Consumption
Least External Components
High Noise Immunity
Single Resistor Oscillator
Operating Voltage: 1.8~15 V
Up to 8 Data Pins
Up to 2
22 Address Codes
One-Time Programmable Process
Available in SO or DIP Package
Reduction of Inventory Pressures
Applications
Burglar Alarm System
Car Security System
Car/Garage Door Controller
Home/Office Security System
Personal Alarm System


Similar Part No. - PT2240P-D3

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240P-D3 PTC-PT2240P-D3 Datasheet
301Kb / 15P
   Programmable Encoder IC
PT2240P-D3S PTC-PT2240P-D3S Datasheet
301Kb / 15P
   Programmable Encoder IC
More results

Similar Description - PT2240P-D3

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
   Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
   Programmable Encoder IC
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
   Programmable Rolling Code Encoder IC
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
   Programmable Rolling Code Encoder IC
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
   10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com