Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2221-002 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2221-002
Description  Infrared Remote Control Transmitter???
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2221-002 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2221-002 Datasheet HTML 1Page - Princeton Technology Corp PT2221-002 Datasheet HTML 2Page - Princeton Technology Corp PT2221-002 Datasheet HTML 3Page - Princeton Technology Corp PT2221-002 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2221/2
PT2221/2 v 3.4
Page 4
Revised Oct. 2000
PT2222 APPLICATION CIRCUIT
KI
KI
KI
KI
KI
KI
KI
KI
0
1
2
3
4
5
6
7
KI/O
KI/O
KI/O
KI/O
KI/O
KI/O
KI/O
KI/O
0
1
2
3
4
5
6
7
PT2222
OSCI
OSCO
V
LMP
REM
DD
SEL
Vss
CCS
455 KHz
200 pf
200 pf
3V
LED
470
IR
LED
1
+
10
F
16 V
For Custom Code
Selection
IN4148
100K
Note: The Vcc and Vss Terminals must be “SHORT” before the batteries are loaded to the
transmitter handset to insure that PT2222 Power On Reset Function will operate properly.


Similar Part No. - PT2221-002

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2221M-001 PTC-PT2221M-001 Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2221M-001-D PTC-PT2221M-001-D Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2221M-002 PTC-PT2221M-002 Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
More results

Similar Description - PT2221-002

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
logo
Silan Microelectronics ...
SC6122 SILAN-SC6122 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com