Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10VDK1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 10VDK1
Description  Enhanced Performance K Series RFI Power Line Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

10VDK1 Datasheet(HTML) 1 Page - Tyco Electronics

  10VDK1 Datasheet HTML 1Page - Tyco Electronics 10VDK1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Enhanced Performance K Series RFI Power Line Filters
The DK series RFI power line filters are general
purpose common mode and differential mode filters
with higher performance line-to-line attenuation than
the VK series.
The E version of the DK series (EDK) has the same high
performance line-to-line attenuation while still meeting the
very low leakage current requirements of VDE portable
equipment and UL544 non-patient care equipment.
The V version of the DK series (VDK) has the same high
performance in a more cost-effective package for
applications without strict leakage current requirements.
Specifications
Maximum leakage current, each line-to-ground
VDK Models
EDK Models
@ 120 VAC 60 Hz:
.4 mA
.22 mA
@ 250 VAC 50 Hz:
.7 mA
.38 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Rated current:
1VDK/1EDK
1A
3VDK/3EDK
3A
6VDK/6EDK
6A
10VDK/10EDK
10A
20VDK/20EDK
20A
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
VDK Models
1A, 3A
18
30
40
48
48
40
6A, 10A, 20A
10
22
30
39
44
50
EDK Models
1A, 3A
17
27
33
45
45
40
6A, 10A, 20A
10
19
25
34
40
46
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
VDK, EDK Models
1A, 3A
18
47
62
60
50
45
6A, 10A, 20A
20
43
55
65
60
55
22
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
DK Series
DK Series
CORCOM Product Guide
DK6
DK3
DK1
UL Recognized
CSA Certified
VDE Approved
Electrical Schematic
LINE
LOAD
Resistor location for reference only.
DK1


Similar Part No. - 10VDK1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10VDK1 MACOM-10VDK1 Datasheet
176Kb / 3P
   Enhanced Differential Mode Performance K Series RFI Line Filters
More results

Similar Description - 10VDK1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VDK1 MACOM-1VDK1_11 Datasheet
176Kb / 3P
   Enhanced Differential Mode Performance K Series RFI Line Filters
3VSK1 MACOM-3VSK1_11 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
logo
TE Connectivity Ltd
3VSK1 TEC-3VSK1 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
logo
Tyco Electronics
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com