Electronic Components Datasheet Search |
|
AP7365-15EG-13 Datasheet(PDF) 3 Page - Diodes Incorporated |
|
AP7365-15EG-13 Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 21 page AP7365 600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator AP7365 Document number: DS32260 Rev. 1 - 2 3 of 21 www.diodes.com July 2010 © Diodes Incorporated Functional Block Diagram IN EN GND OUT Gate Driver 0.8V Current Limit and Thermal Shutdown Fixed Version R R IN EN GND ADJ OUT Gate Driver 0.8V Current Limit and Thermal Shutdown Adjustable Version Absolute Maximum Ratings Symbol Parameter Ratings Unit ESD HBM Human Body Model ESD Protection 2000 V ESD MM Machine Model ESD Protection 200 V VIN Input Voltage 6.5 V OUT, EN Voltage VIN + 0.3 V Continuous Load Current per Channel Internal Limited TST Storage Temperature Range -65 to 150 °C TJ Maximum Junction Temperature 150 °C Recommended Operating Conditions Symbol Parameter Min Max Unit VIN Input voltage 2 6 V IOUT Output Current (Note 2) 0 600 mA TA Operating Ambient Temperature -40 85 °C Notes: 2 The device maintains a stable, regulated output voltage without a load current. |
Similar Part No. - AP7365-15EG-13 |
|
Similar Description - AP7365-15EG-13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |