Electronic Components Datasheet Search |
|
KUHP-5A51-110 Datasheet(PDF) 1 Page - Tyco Electronics |
|
KUHP-5A51-110 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 2 page 803 P&B Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Catalog 1308242 Issued 3-03 Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. KUHP series 30 Amp Power Relays File E22575 File LR15734-123 Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. Features • AC coils 6-277VAC 50/60 Hz., DC 6-110VDC. • Contact arrangement up to DPDT. • .250" combination push-on/solder terminals or PC terminals. • Side flange and top flange mounting. • Designed to meet VDE space requirements. • Class B coil insulation. Contact Data @ 25°C Arrangements: 1 Form C (SPDT) and 2 Form C (DPDT). Material: Silver or silver-cadmium oxide. Expected Mechanical Life: 10 million operations. Coil Data @ 25°C Voltage: 6-110VDC and 6-277VAC. Nominal Power: DC Coils: 1.2 Watts. AC Coils: 2.7VA. Duty Cycle: Continuous. Initial Insulation Resistance: 100 megohms, min. Insulation: Class B, 130°C. Initial Dielectric Strength Between Open Contacts: 1,200V rms. Between Adjacent Contacts: 3,750V rms. Between Contacts and Coil: 3,750V rms. Between Coil and Frame: 2,000V rms. Operate Data @ 25°C Must Operate Voltage: DC Coils: 75% of nominal. AC Coils: 85% of nominal. Operate Time (Excluding Bounce): 20 milliseconds, typical, at nominal voltage. Release Time (Excluding Bounce): 20 milliseconds, typical, at nominal voltage. Environmental Data T emperature Range: (Operating) DC Coils: -45°C to +70°C. AC Coils: -45°C to +45°C. Shock: 15g’s, 11 ms (non-operating). Vibration: .065" double amplitude, 10-55 Hz. Mechanical Data Termination: .250" quick connect/solder; and PC board. Enclosure: Polycarbonate dust cover. Weight: 3.2 oz. (92g) approximately. KUHP-5DT1-24 KUHP-11A51-24 KUHP-11A51-120 KUHP-11AT1-120 KUHP-11D51-12 KUHP-11D51-24 KUHP-11DT1-12 KUHP-11DT1-24 KUHP-5A51-24 KUHP-5A51-120 KUHP-5AT1-120 KUHP-5D51-12 KUHP-5D51-24 KUHP-5DT1-12 Our authorized distributors are more likely to maintain the following items in stock for immediate delivery. Ordering Information Coil Data DC Must Nominal Nominal Resistance Operate Coil Voltage in Ohms Voltage Current ± 10%* (mA) 6 32.1 4.5 187 DC 12 120 9.0 100 Coils 24 472 18.0 51 48 1,800 36.0 26.7 110 10,000 82.5 11 6 4.2 5.1 460 12 18 10.2 230 AC 24 72 20.4 115 Coils 120 1,700 102.0 24 240 7,200 204.0 12 277 10,250 235.5 9 *±15% for AC coils. Contact Ratings Contact UL/CSA Ratings Expected Arrangement Life 1 Form C 30A 120/240VAC 100,000 Single Pole 1 HP @ 120VAC, ops. Double Throw 1 1/2 HP @ 240VAC 25A @ 28VDC 2 Form C 20A @ 120/240VAC 100,000 Double Pole 3/4 HP @ 120VAC ops. Double Throw 1 1/2 HP @ 240VAC 20A @ 28VDC 7A @ 120VAC (Tungsten)* *NO contacts only. Typical Part No . B KUHP- 11 A 5 1 -120 1. Basic Series and Type: KUHP = Enclosed 20/30 amp relay. 2. Contact Arrangement and Rating: 5 = 1C (SPDT); 30 amps. 11 = 2C (DPDT); 20 amps. 3. Coil Input: A = AC, 50/60 Hz. D = DC 4. Mountings: 1 = PLAIN CASE 5 = BRACKET MOUNT CASE T = TOP FLANGE CASE 5. Terminals and Contact Materials: 1 = .250" (6.35mm) quick connect/solder; silver-cadmium oxide. 7 = .047" (1.19mm) printed circuit; silver-cadmium oxide. 6. Coil Voltage: AC coils to 277VAC, 50/60 Hz. DC coils to 110VDC. NOTE: No sockets are available for this relay. |
Similar Part No. - KUHP-5A51-110 |
|
Similar Description - KUHP-5A51-110 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |