Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUHP-11A57-110 Datasheet(PDF) 1 Page - Tyco Electronics

Part # KUHP-11A57-110
Description  30 Amp Power Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KUHP-11A57-110 Datasheet(HTML) 1 Page - Tyco Electronics

  KUHP-11A57-110 Datasheet HTML 1Page - Tyco Electronics KUHP-11A57-110 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
803
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
KUHP series
30 Amp Power Relays
File E22575
File LR15734-123
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files
of the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Features
• AC coils 6-277VAC 50/60 Hz., DC 6-110VDC.
• Contact arrangement up to DPDT.
• .250" combination push-on/solder terminals or PC terminals.
• Side flange and top flange mounting.
• Designed to meet VDE space requirements.
• Class B coil insulation.
Contact Data @ 25°C
Arrangements: 1 Form C (SPDT) and 2 Form C (DPDT).
Material: Silver or silver-cadmium oxide.
Expected Mechanical Life: 10 million operations.
Coil Data @ 25°C
Voltage: 6-110VDC and 6-277VAC.
Nominal Power:
DC Coils: 1.2 Watts.
AC Coils: 2.7VA.
Duty Cycle: Continuous.
Initial Insulation Resistance: 100 megohms, min.
Insulation: Class B, 130°C.
Initial Dielectric Strength
Between Open Contacts: 1,200V rms.
Between Adjacent Contacts: 3,750V rms.
Between Contacts and Coil: 3,750V rms.
Between Coil and Frame: 2,000V rms.
Operate Data @ 25°C
Must Operate Voltage:
DC Coils: 75% of nominal.
AC Coils: 85% of nominal.
Operate Time (Excluding Bounce): 20 milliseconds, typical, at nominal
voltage.
Release Time (Excluding Bounce): 20 milliseconds, typical, at nominal
voltage.
Environmental Data
T
emperature Range: (Operating)
DC Coils: -45°C to +70°C.
AC Coils: -45°C to +45°C.
Shock: 15g’s, 11 ms (non-operating).
Vibration: .065" double amplitude, 10-55 Hz.
Mechanical Data
Termination: .250" quick connect/solder; and PC board.
Enclosure: Polycarbonate dust cover.
Weight: 3.2 oz. (92g) approximately.
KUHP-5DT1-24
KUHP-11A51-24
KUHP-11A51-120
KUHP-11AT1-120
KUHP-11D51-12
KUHP-11D51-24
KUHP-11DT1-12
KUHP-11DT1-24
KUHP-5A51-24
KUHP-5A51-120
KUHP-5AT1-120
KUHP-5D51-12
KUHP-5D51-24
KUHP-5DT1-12
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Ordering Information
Coil Data
DC
Must
Nominal
Nominal
Resistance
Operate
Coil
Voltage
in Ohms
Voltage
Current
± 10%*
(mA)
6
32.1
4.5
187
DC
12
120
9.0
100
Coils
24
472
18.0
51
48
1,800
36.0
26.7
110
10,000
82.5
11
6
4.2
5.1
460
12
18
10.2
230
AC
24
72
20.4
115
Coils
120
1,700
102.0
24
240
7,200
204.0
12
277
10,250
235.5
9
*±15% for AC coils.
Contact Ratings
Contact
UL/CSA Ratings
Expected
Arrangement
Life
1 Form C
30A 120/240VAC
100,000
Single Pole
1 HP @ 120VAC,
ops.
Double Throw
1 1/2 HP @ 240VAC
25A @ 28VDC
2 Form C
20A @ 120/240VAC
100,000
Double Pole
3/4 HP @ 120VAC
ops.
Double Throw
1 1/2 HP @ 240VAC
20A @ 28VDC
7A @ 120VAC (Tungsten)*
*NO contacts only.
Typical Part No
.
B
KUHP-
11
A
5
1
-120
1. Basic Series and Type:
KUHP = Enclosed 20/30 amp relay.
2. Contact Arrangement and Rating:
5 = 1C (SPDT); 30 amps.
11 = 2C (DPDT); 20 amps.
3. Coil Input:
A = AC, 50/60 Hz.
D = DC
4. Mountings:
1 = PLAIN CASE
5 = BRACKET MOUNT CASE
T = TOP FLANGE CASE
5. Terminals and Contact Materials:
1 = .250" (6.35mm) quick connect/solder; silver-cadmium oxide.
7 = .047" (1.19mm) printed circuit; silver-cadmium oxide.
6. Coil Voltage:
AC coils to 277VAC, 50/60 Hz.
DC coils to 110VDC.
NOTE: No sockets are available for this relay.


Similar Part No. - KUHP-11A57-110

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUHP TEC-KUHP Datasheet
317Kb / 3P
   Side flange and top flange mounting
More results

Similar Description - KUHP-11A57-110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
188 MACOM-188 Datasheet
196Kb / 3P
   30 Amp Power Relays
187 MACOM-187 Datasheet
194Kb / 3P
   20-25 Amp Power Relays
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
   30 AMP POWER RELAY
logo
American Zettler, Inc.
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
   30 AMP POWER RELAY
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
   30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com