Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EJH8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 3EJH8
Description  Enhanced Performance Compact Medical RFI Filter IEC Connector Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EJH8 Datasheet(HTML) 4 Page - Tyco Electronics

  3EJH8 Datasheet HTML 1Page - Tyco Electronics 3EJH8 Datasheet HTML 2Page - Tyco Electronics 3EJH8 Datasheet HTML 3Page - Tyco Electronics 3EJH8 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Enhanced Performance Compact Medical RFI Filter IEC Connector Package (Continued)
47
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
Recommended Panel Cutouts
1 to 15A EJH
Front Mount
Back Mount
.234
5.94
.900
22.9
1.575
40.01
1.200
30.48
0.12
3.05
TYP.
0.140
3.56
.820
20.8
1.575
40.01
1.200
30.48
2X
0.140
3.56
2X
R
R
TYP.
.234
5.94
.900
22.9
1.575
40.01
1.200
30.48
0.12
3.05
TYP.
.820
20.8
1.575
40.01
1.200
30.48
2
0.140
3.56
2X
R
R
TYP.
1.654
42.0
1.370
34.8
.125
3.18
TYP.
.138
3.51
2X
1.055
26.8
1.654
42.0
1.300
33.0
.985
25.02
.138
3.51
2X
R.
.118
3.0
TYP.
R.
654
42.0
370
4.8
.125
3.18
TYP.
1.055
26.8
1.654
42.0
1.300
33.0
.985
25.02
.138
3.51
2X
R.
.118
3.0
TYP.
R.
20EJH
Front Mount
Back Mount
EJH Series
Notes:
1
Tolerance ± .005 [0.13]
2
Panel Thickness .031-.047 [.78-1.19]
3
EJH1 and EJH8 styles allow for front or back mounting
4
EJH2 and EJHP allow for back mounting only
EJHP PCB Layout
0.551
13.99
0.520 [13.21]
0.075
1.91
Dia.
Center pin to panel
.685±.015
17.40±0.38


Similar Part No. - 3EJH8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EJH8 MACOM-3EJH8 Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
More results

Similar Description - 3EJH8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EJS1 MACOM-1EJS1 Datasheet
114Kb / 2P
   Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
1EEJ1 MACOM-1EEJ1 Datasheet
110Kb / 4P
   Enhanced Performance (1-20 Amp) Compact RFI Filter IEC Connector Package
1EAS1 MACOM-1EAS1 Datasheet
292Kb / 2P
   Snap-In Compact RFI Filter IEC Connector Package
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
   Compact RFI Filter with IEC Connectors
1EJT1 MACOM-1EJT1_1 Datasheet
89Kb / 2P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
EJT MACOM-EJT Datasheet
428Kb / 6P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EC1 MACOM-1EC1 Datasheet
469Kb / 2P
   High Performance Compact RFI Power Line Filters with IEC Connectors
1EEA1 MACOM-1EEA1 Datasheet
518Kb / 2P
   Cost Effective Compact REI Filter IEC Connector Package
1ED1 MACOM-1ED1 Datasheet
481Kb / 2P
   High Performance Compact RFI Power Line Filters with IEC Connectors
logo
List of Unclassifed Man...
PE792003 ETC2-PE792003 Datasheet
166Kb / 4P
   RFI Filter Module Combines IEC Connector, Fusing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com