Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2255 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2255
Description  Electronic Volume Controller IC????
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2255 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2255 Datasheet HTML 1Page - Princeton Technology Corp PT2255 Datasheet HTML 2Page - Princeton Technology Corp PT2255 Datasheet HTML 3Page - Princeton Technology Corp PT2255 Datasheet HTML 4Page - Princeton Technology Corp PT2255 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Electronic Volume Controller IC
PT2255A
PT2255A v 1.0
Page 2
Written April 1999
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vss
L-O U T 1
L-IN 1
A-G N D
L-IN 2
L-O U T 2
IN H
DC O
Vc c
R -OUT 1
R -IN 1
A-G N D
R -IN 2
R -OUT 2
U/D
OS C
PT 22 55 A
P T 22 55 A - X
P a ck ag e:
D : D IP P a ck ag e (m a y b e o m itte d )
SN : SO Pac k a g e (1 5 0 m il)
Pa rt N u m b er
PT C Pre fix
Valid Part Number
Package
PT2255A
16 Pins, DIP
PT2255A-SN
16 Pins, SO (150 mil)


Similar Part No. - PT2255

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT22501 DATATRONICS-PT22501 Datasheet
64Kb / 1P
   Surface Mount Inductors
PT22502 DATATRONICS-PT22502 Datasheet
64Kb / 1P
   Surface Mount Inductors
PT22503 DATATRONICS-PT22503 Datasheet
64Kb / 1P
   Surface Mount Inductors
PT22504 DATATRONICS-PT22504 Datasheet
64Kb / 1P
   Surface Mount Inductors
PT22505 DATATRONICS-PT22505 Datasheet
64Kb / 1P
   Surface Mount Inductors
More results

Similar Description - PT2255

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com