Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2258-S Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT2258-S
Description  6-Channel Electronic Volume Controller IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2258-S Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT2258-S Datasheet HTML 6Page - Princeton Technology Corp PT2258-S Datasheet HTML 7Page - Princeton Technology Corp PT2258-S Datasheet HTML 8Page - Princeton Technology Corp PT2258-S Datasheet HTML 9Page - Princeton Technology Corp PT2258-S Datasheet HTML 10Page - Princeton Technology Corp PT2258-S Datasheet HTML 11Page - Princeton Technology Corp PT2258-S Datasheet HTML 12Page - Princeton Technology Corp PT2258-S Datasheet HTML 13Page - Princeton Technology Corp PT2258-S Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
6-Channel Electronic Volume Controller IC
Preliminary
PT2258
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2258 pre1.0
10
Updated July 2000
ATTENUATION UNIT BIT
where: Ax=-1dB/step, Bx=-10dB/step
A3/---
A2/B2
A1/B1
A0/B0
ATTENUATION VALUE (dB)
00
00
0/0
0
0
0
1
-1/-10
0
0
1
0
-2/-20
0
0
1
1
-3/-30
0
1
0
0
-4/-40
0
1
0
1
-5/-50
0
1
1
0
-6/-60
0
1
1
1
-7/-70
1
0
0
0
-8/---
1
0
0
1
-9/---
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Rating
Unit
Vs
Supply Voltage
12
V
Tamb
Ambient Temperature
-20 to +75
oC
Tstg
Storage Temperature
-40 to +125
oC


Similar Part No. - PT2258-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2258-S PTC-PT2258-S Datasheet
228Kb / 17P
   6-Channel Electronic Volume Controller IC
PT2258-SL PTC-PT2258-SL Datasheet
228Kb / 17P
   6-Channel Electronic Volume Controller IC
More results

Similar Description - PT2258-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
   6-Channel Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com