Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9534ADBG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCA9534ADBG4
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534ADBG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9534ADBG4 Datasheet HTML 5Page - Texas Instruments PCA9534ADBG4 Datasheet HTML 6Page - Texas Instruments PCA9534ADBG4 Datasheet HTML 7Page - Texas Instruments PCA9534ADBG4 Datasheet HTML 8Page - Texas Instruments PCA9534ADBG4 Datasheet HTML 9Page - Texas Instruments PCA9534ADBG4 Datasheet HTML 10Page - Texas Instruments PCA9534ADBG4 Datasheet HTML 11Page - Texas Instruments PCA9534ADBG4 Datasheet HTML 12Page - Texas Instruments PCA9534ADBG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
SCL
Start Condition
Data 1 Valid
SDA
Write to Port
Data Out
From Port
R/W
ACK From Slave
ACK From Slave
ACK From Slave
1
9
8
7
6
5
4
3
2
Data 1
1
A2
0
1
S
1
1
A1 A0 0
A
0
0
0
0
0
0
0
A
A
P
tpv
Data to Port
Command Byte
Slave Address
Data
1/0
A2
0
1
S
1
1
A1 A0 0
A
1
0
0
0
0
0
0
A
A
P
SCL
SDA
Data to
Register
Start Condition
R/W
ACK From Slave
ACK From Slave
ACK From Slave
1
9
8
7
6
5
4
3
2
Data to Register
Command Byte
Slave Address
PCA9534A
www.ti.com
SCPS141F – SEPTEMBER 2006 – REVISED JUNE 2010
Interrupt Output (INT)
An interrupt is generated by any rising or falling edge of the port inputs in the input mode. After time, tiv, the
signal INT is valid. Resetting the interrupt circuit is achieved when data on the port is changed to the original
setting, data is read from the port that generated the interrupt. Resetting occurs in the read mode at the
acknowledge (ACK) or not acknowledge (NACK) bit after the rising edge of the SCL signal.
Interrupts that occur during the ACK or NACK clock pulse can be lost (or be very short) due to the resetting of
the interrupt during this pulse. Each change of the I/Os after resetting is detected and is transmitted as INT.
Writing to another device does not affect the interrupt circuit, and a pin configured as an output cannot cause an
interrupt. Changing an I/O from an output to an input may cause a false interrupt to occur, if the state of the pin
does not match the contents of the Input Port register. Because each 8-pin port is read independently, the
interrupt caused by port 0 is not cleared by a read of port 1 or vice versa.
The INT output has an open-drain structure and requires pullup resistor to VCC.
Bus Transactions
Data is exchanged between the master and PCA9534A through write and read commands.
Writes
Data is transmitted to the PCA9534A by sending the device address and setting the least-significant bit to a logic
0 (see Figure 4 for device address). The command byte is sent after the address and determines which register
receives the data that follows the command byte (see Figure 6 and Figure 7). There is no limitation on the
number of data bytes sent in one write transmission.
Figure 6. Write to Output Port Register
<br/>
Figure 7. Write to Configuration or Polarity Inversion Registers
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCA9534A


Similar Part No. - PCA9534ADBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9534ADBG4 TI-PCA9534ADBG4 Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534ADBG4 TI-PCA9534ADBG4 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9534ADBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com