Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

152220-0100GB Datasheet(PDF) 3 Page - 3M Electronics

Part # 152220-0100GB
Description  Pak 20 Wiremount Socket - 2 mm 횞 2 mm for 1 mm Pitch Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

152220-0100GB Datasheet(HTML) 3 Page - 3M Electronics

  152220-0100GB Datasheet HTML 1Page - 3M Electronics 152220-0100GB Datasheet HTML 2Page - 3M Electronics 152220-0100GB Datasheet HTML 3Page - 3M Electronics 152220-0100GB Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPak 20 Wiremount Socket
2 mm × 2 mm for 1 mm Pitch Cable
1522 Series
TS-0523-C
Sheet 3 of 3
.020 ± .001 Typ
[ 0.50 ]
Square or Round
(See Note 1)
.079 ± .002
[ 2.00 ]
.079 ± .002
[ 2.00 ]
.31 Min
[ 7.9 ]
Space Occupied
by Socket
.19 Min
[ 4.8 ]
Space for
Cable Exit
.14
[ 3.6 ]
.16 Min
[ 4.1 ]
.080 Min
[ 2.0 ]
.018 Min
[ 0.5 ]
See Note 2
Mating Pin Detail
Inch
(mm)
± .005
± .1
± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
Table 1
Contact
Quantity
Dimensions
A
B
10
.45 [ 11.4 ]
.59 [ 15.0 ]
12
.53 [ 13.4 ]
.67 [ 17.0 ]
20
.84 [ 21.3 ]
.99 [ 25.1 ]
26
1.08 [ 27.4 ]
1.22 [ 31.0 ]
40
1.63 [ 41.4 ]
1.77 [ 45.0 ]
44
1.79 [ 45.5 ]
1.93 [ 49.0 ]
50
2.03 [ 51.3 ]
2.17 [ 55.0 ]


Similar Part No. - 152220-0100GB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152220-0100GB 3M-152220-0100GB Datasheet
70Kb / 3P
   2mm X 2mm Wiremount Socket
More results

Similar Description - 152220-0100GB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS746 TI1-TPS746 Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO With Power-Good in a Small 2-mm 횞 2-mm WSON Package
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com