Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSL10561-IRA Datasheet(PDF) 1 Page - OptoSupply International

Part # OSL10561-IRA
Description  0.56 Inch Single Digit Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSL10561-IRA Datasheet(HTML) 1 Page - OptoSupply International

  OSL10561-IRA Datasheet HTML 1Page - OptoSupply International OSL10561-IRA Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.optosupply.com
VER A.0
00..5566 IIn
ncch
h S
Siin
nggllee D
Diiggiitt D
Diissp
pllaayy
OSL10561-IX (Common Anode type)
OSL10561-LX (Common Cathode type)
Features
0.56 Inch Single Digit Display
Long lifetime operation
IC compatible
Low power dissipation
Applications
Counting device
Clock
Absolute Maximum Rating
(Ta=25℃)
*Pulse width Max.10ms Duty ratio max 1/10
Electrical -Optical Characteristics
(Ta=25℃)
VF (V)
IR(µA)
Iv(mcd)
λD(nm)
Min. Typ. Max.
Max.
Min. Typ. Max. Min. Typ. Max.
Part Number
Color
IF=20mA
VR=5V
IF=20mA
OSL10561-IW(LW)
White
W
-
3.3
4.0
20
-
65
-
X=0.30 Y=0.34
OSL10561-IB(LB)
Blue
B
-
3.3
4.0
20
-
50
-
-
470
-
OSL10561-IG(LG)
Pure Green
G
-
3.3
4.0
20
-
200
-
-
525
-
OSL10561-IYG(LYG)
Yellow green
YG
-
2.2
2.6
20
-
12
-
-
571
-
OSL10561-IY(LY)
Yellow
Y
-
2.1
2.5
20
-
60
-
-
590
-
OSL10561-IR(LR)
Red
R
-
2.1
2.5
20
-
20
-
-
630
-
OSL10561-IRA(LRA) high luminance Red RA
-
2.1
2.5
20
-
100
-
-
625
-
*1 Tolerance of dominant wavelength is±1nm
*2 Tolerance of luminous intensity is±15%
Value
Item
Symbol
RA/R/YG/Y
B/G
Unit
DC Forward Current
IF
20
20
mA
Pulse Forward Current*
IFP
100
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
Pt
44
66
mW
Operating Temperature
Topr
-30 ~ +70
Storage Temperature
Tstg
-40~ +85
Lead Soldering Temperature(1.6mm
from seating plane)
Tsol
260℃/5sec
LED & Application Technologies
Photo


Similar Part No. - OSL10561-IRA

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSL10561-IX OPTOSUPPLY-OSL10561-IX Datasheet
199Kb / 2P
   0.56 Inch Single Digit Display
More results

Similar Description - OSL10561-IRA

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-561G-A PARALIGHT-A-561G-A Datasheet
197Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-561Y-L3 PARALIGHT-C-561Y-L3 Datasheet
195Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-5614S CHINASEMI-CSS-5614S Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614A9 CHINASEMI-CSS-5614A9 Datasheet
182Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614T9 CHINASEMI-CSS-5614T9 Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
CSS-514S CHINASEMI-CSS-514S Datasheet
189Kb / 6P
   0.56 Inch Single Digit Display
CSS-514T9 CHINASEMI-CSS-514T9 Datasheet
190Kb / 6P
   0.56 Inch Single Digit Display
CSS-514B7 CHINASEMI-CSS-514B7 Datasheet
185Kb / 6P
   0.56 Inch Single Digit Display
CSS-514V9 CHINASEMI-CSS-514V9 Datasheet
184Kb / 6P
   0.56 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-561Y PARALIGHT-A-561Y Datasheet
204Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com