Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV8154PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV8154PWR
Description  DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8154PWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV8154PWR Datasheet HTML 1Page - Texas Instruments SN74LV8154PWR Datasheet HTML 2Page - Texas Instruments SN74LV8154PWR Datasheet HTML 3Page - Texas Instruments SN74LV8154PWR Datasheet HTML 4Page - Texas Instruments SN74LV8154PWR Datasheet HTML 5Page - Texas Instruments SN74LV8154PWR Datasheet HTML 6Page - Texas Instruments SN74LV8154PWR Datasheet HTML 7Page - Texas Instruments SN74LV8154PWR Datasheet HTML 8Page - Texas Instruments SN74LV8154PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74LV8154
DUAL 16BIT BINARY COUNTERS
WITH 3STATE OUTPUT REGISTERS
SCLS589 − AUGUST 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IOH = −50 µA
2 V
1.9
Yn
IOH = −6 mA
3 V
2.48
VOH
Yn
IOH = −12 mA
4.5 V
3.8
V
VOH
IOH = −50 µA
2 V
1.9
V
RCOA
IOH = −6 mA
3 V
2.48
RCOA
IOH = −12 mA
4.5 V
3.8
IOL = 50 µA
2 V
0.1
Yn
IOL = 6 mA
3 V
0.44
VOL
Yn
IOL = 12 mA
4.5 V
0.55
V
VOL
IOL = 50 µA
2 V
0.1
V
RCOA
IOL = 6 mA
3 V
0.44
RCOA
IOL = 12 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
µA
IOZ
VO = VCC or GND
5.5 V
±5
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
µA
Ci
VI = VCC or GND
5 V
3
pF
Co
VO = VCC or GND
5 V
5
pF
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
MIN
MAX
UNIT
tw
Pulse duration
CLKA, CLKB, RCLK high or low
10
ns
tw
Pulse duration
CCLR low
22
ns
CLKBEN low before CLKB
13
CCLR high (inactive) before CLKA
or CLKB
13
tsu
Setup time
CLKA
↑ or CLKB↑ before RCLK↑
13
ns
tsu
Setup time
RCLK
↑ before GAL or GAU or GBL or
GBU low
13
ns
GAL or GAU or GBL or GBU high
(inactive) before RCLK
13
th
Hold time
CLKBEN low after CLKB
0
ns
th
Hold time
CLKA or CLKB after RCLK
0
ns
tz†
Z-period
GAL, GAU, GBL, GBU all high before
one of them switches low
200
ns
† tz condition: CL = 50 pF, RL = 1 kΩ


Similar Part No. - SN74LV8154PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8154PWR TI-SN74LV8154PWR Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154PWR TI-SN74LV8154PWR Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154PWR TI1-SN74LV8154PWR Datasheet
361Kb / 20P
[Old version datasheet]   Dual 16-Bit Binary Counters With 3-State Output Registers
SN74LV8154PWRE4 TI-SN74LV8154PWRE4 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154PWRG4 TI-SN74LV8154PWRG4 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74LV8154PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8154 TI-SN74LV8154 Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_07 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI1-SN74LV8154_15 Datasheet
361Kb / 20P
[Old version datasheet]   Dual 16-Bit Binary Counters With 3-State Output Registers
SN54HC590A TI-SN54HC590A_07 Datasheet
725Kb / 21P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154-EP TI1-SN74LV8154-EP Datasheet
562Kb / 15P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTER WITH 3-STATE OUTPUT REGISTERS
SN54LS592 TI-SN54LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INTPUT REGISTERS
SN54LS592 TI-SN54LS592_1 Datasheet
1Mb / 30P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INPUT REGISTERS
SN74LS592 TI-SN74LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8 BIT BINARY COUNTERS WITH INPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com