Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV8154NE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV8154NE4
Description  DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8154NE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV8154NE4 Datasheet HTML 1Page - Texas Instruments SN74LV8154NE4 Datasheet HTML 2Page - Texas Instruments SN74LV8154NE4 Datasheet HTML 3Page - Texas Instruments SN74LV8154NE4 Datasheet HTML 4Page - Texas Instruments SN74LV8154NE4 Datasheet HTML 5Page - Texas Instruments SN74LV8154NE4 Datasheet HTML 6Page - Texas Instruments SN74LV8154NE4 Datasheet HTML 7Page - Texas Instruments SN74LV8154NE4 Datasheet HTML 8Page - Texas Instruments SN74LV8154NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN74LV8154
DUAL 16BIT BINARY COUNTERS
WITH 3STATE OUTPUT REGISTERS
SCLS589 − AUGUST 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
VCC
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
2 V
1.5
VIH
High-level input voltage
3 V to 3.6 V
VCC × 0.7
V
VIH
High-level input voltage
4.5 V to 5.5 V
VCC × 0.7
V
2 V
0.5
VIL
Low-level input voltage
3 V to 3.6 V
VCC × 0.3
V
VIL
Low-level input voltage
4.5 V to 5.5 V
VCC × 0.3
V
VI
Input voltage
0
5.5
V
VO
Output voltage
High or low state
0
VCC
V
VO
Output voltage
3-state
0
5.5
V
2 V
−50
µA
Yn outputs
3 V to 3.6 V
−6
mA
IOH
High-level output current
Yn outputs
4.5 V to 5.5 V
−12
mA
IOH
High-level output current
2 V
−50
µA
RCOA
3 V to 3.6 V
−6
mA
RCOA
4.5 V to 5.5 V
−12
mA
2 V
50
µA
Yn outputs
3 V to 3.6 V
6
mA
IOL
Low-level output current
Yn outputs
4.5 V to 5.5 V
12
mA
IOL
Low-level output current
2 V
50
µA
RCOA
3 V to 3.6 V
6
mA
RCOA
4.5 V to 5.5 V
12
mA
∆t/∆v
Input transition rise or fall rate
3 V to 3.6 V
100
ns/V
∆t/∆v
Input transition rise or fall rate
4.5 V to 5.5 V
20
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LV8154NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8154NE4 TI-SN74LV8154NE4 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154NE4 TI1-SN74LV8154NE4 Datasheet
361Kb / 20P
[Old version datasheet]   Dual 16-Bit Binary Counters With 3-State Output Registers
More results

Similar Description - SN74LV8154NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8154 TI-SN74LV8154 Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_07 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI1-SN74LV8154_15 Datasheet
361Kb / 20P
[Old version datasheet]   Dual 16-Bit Binary Counters With 3-State Output Registers
SN54HC590A TI-SN54HC590A_07 Datasheet
725Kb / 21P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154-EP TI1-SN74LV8154-EP Datasheet
562Kb / 15P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTER WITH 3-STATE OUTPUT REGISTERS
SN54LS592 TI-SN54LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INTPUT REGISTERS
SN54LS592 TI-SN54LS592_1 Datasheet
1Mb / 30P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INPUT REGISTERS
SN74LS592 TI-SN74LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8 BIT BINARY COUNTERS WITH INPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com