Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV164ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LV164ADE4
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV164ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV164ADE4 Datasheet HTML 1Page - Texas Instruments SN74LV164ADE4 Datasheet HTML 2Page - Texas Instruments SN74LV164ADE4 Datasheet HTML 3Page - Texas Instruments SN74LV164ADE4 Datasheet HTML 4Page - Texas Instruments SN74LV164ADE4 Datasheet HTML 5Page - Texas Instruments SN74LV164ADE4 Datasheet HTML 6Page - Texas Instruments SN74LV164ADE4 Datasheet HTML 7Page - Texas Instruments SN74LV164ADE4 Datasheet HTML 8Page - Texas Instruments SN74LV164ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN54LV164A, SN74LV164A
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SCLS403H − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V V
CC Operation
D Max t
pd of 10.5 ns at 5 V
D Typical V
OLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical V
OHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
SN54LV164A ...J OR W PACKAGE
SN74LV164A ...D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
QA
QB
QC
QD
GND
VCC
QH
QG
QF
QE
CLR
CLK
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
QG
NC
QF
NC
QE
QA
NC
QB
NC
QC
SN54LV164A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74LV164A . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
QH
QG
QF
QE
CLR
B
QA
QB
QC
QD
description/ordering information
The ’LV164A devices are 8-bit parallel-out serial shift registers designed for 2-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV164ARGYR
LV164A
SOIC
D
Tube of 50
SN74LV164AD
LV164A
SOIC − D
Reel of 2500
SN74LV164ADR
LV164A
SOP − NS
Reel of 2000
SN74LV164ANSR
74LV164A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV164ADBR
LV164A
40 C to 85 C
Tube of 90
SN74LV164APW
TSSOP − PW
Reel of 2000
SN74LV164APWR
LV164A
TSSOP
PW
Reel of 250
SN74LV164APWT
LV164A
TVSOP − DGV
Reel of 2000
SN74LV164ADGVR
LV164A
CDIP − J
Tube of 25
SNJ54LV164AJ
SNJ54LV164AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV164AW
SNJ54LV164AW
LCCC − FK
Tube of 55
SNJ54LV164AFK
SNJ54LV164AFK
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
© 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LV164ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV164ADE4 TI-SN74LV164ADE4 Datasheet
464Kb / 17P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164ADE4 TI-SN74LV164ADE4 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164ADE4 TI-SN74LV164ADE4 Datasheet
702Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Similar Description - SN74LV164ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com