Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2282 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2282
Description  Programmable Rolling Code Encoder IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2282 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2282 Datasheet HTML 1Page - Princeton Technology Corp PT2282 Datasheet HTML 2Page - Princeton Technology Corp PT2282 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ref. No. PT2282 pre 1.1
2
Written Oct.1998
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2282
Programmable Rolling Code Encoder IC
Preliminary
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D1/CODE
D2
D3
Vss
NC
NC
VPG
NC
D0/CLK
NC
PGM
NC
VDD
DOUT
OSC
NC
PT2282 (16 PINS)
D0/CLK
D1/CODE
VSS
VPG
PGM
VDD
DOUT
OSC
PT2282 (8 PINS)
APPLICATION CIRCUITS
P T 22 82 (1 6 PIN S )
Rosc
RF
12V


Similar Part No. - PT2282

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283-16 PTC-PT2283-16 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283-16S PTC-PT2283-16S Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283-S PTC-PT2283-S Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
   Programmable Rolling Code Encoder IC
More results

Similar Description - PT2282

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
   Programmable Rolling Code Encoder IC
logo
Holtek Semiconductor In...
HT6P60 HOLTEK-HT6P60 Datasheet
370Kb / 9P
   Rolling Encoder
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
   Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
   Programmable Encoder IC
logo
National Semiconductor ...
NM95HS01 NSC-NM95HS01 Datasheet
296Kb / 20P
   HiSeC-TM High Security Rolling Code Generator
logo
Microchip Technology
HCS101 MICROCHIP-HCS101 Datasheet
314Kb / 20P
   Fixed Code Encoder
1999-2013
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996 - 1997
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com