Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40VK6C Datasheet(PDF) 3 Page - Tyco Electronics

Part # 40VK6C
Description  General Purpose RFI Power Line Filters-Ideal for High Impedance Load
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

40VK6C Datasheet(HTML) 3 Page - Tyco Electronics

  40VK6C Datasheet HTML 1Page - Tyco Electronics 40VK6C Datasheet HTML 2Page - Tyco Electronics 40VK6C Datasheet HTML 3Page - Tyco Electronics 40VK6C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose RFI Power Line Filters — Ideal for High Impedance Load (Continued)
76
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
K Series
CORCOM Product Guide
20VK7
K7 & K7M (with metric insert)
A
Insert (4): 6-32
D B
C
E
E
.669 ± .010
16.99
± .25
.512 ± .010
13.00
± .25
2.65 ± .016
67.31
±4.06
.062
1.60
.157
4.0
Dia.
R
1.46
37.1
1.145
29.1
D
Typical dimensions:
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.(2)
Slot: .07 x .16 [1.8 x 4.1]
A
Tapped insert
No. 6-32 x 1/4 (2) - K7
No. M-3 x .5 (2) - K7M
D
E
C
B
Tolerance ±.005 [0.13]
Panel Cutout (back mount)
.235
5.96
1.575
40.01
.157
3.98
.910
23.1
Dia.
1.295
32.89
R
20VK6
30VK6 & 30VK6C, 40VK6 & 40VK6C
ED
B
Terminals:
No. 8-32 (5)
A
C
Typical dimensions:
Terminals: No. 8-32 (5)
Torque: 18 ± 2 in. lb.
Slots: .250 [6.35] x .156 [3.96] (4)
Mounting holes: .188 [4.78] Dia. (2)
E
D
B
2.00
50.8
A
C
Terminal on 30VK6C and 40VK6C only
60VK6
EB
D
Terminals
#1/4-20 (5)
2.00
50.8
A
.250 x .156
( 4 Slots )
C
Case Styles


Similar Part No. - 40VK6C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
40VK6C MACOM-40VK6C Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
40VK6C TEC-40VK6C Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
40VK6C TEC-40VK6C Datasheet
513Kb / 6P
   Corcom High Current AC Power Line Filters
More results

Similar Description - 40VK6C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VK1 MACOM-1VK1_11 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
1VK1 TEC-1VK1 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
List of Unclassifed Man...
1VB1 ETC1-1VB1 Datasheet
72Kb / 2P
   General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
logo
Tyco Electronics
1VB1 MACOM-1VB1 Datasheet
224Kb / 3P
   General Purpose RFI Filters for High Impedance Loads at Low Current
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com