Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

155226-5202-RA Datasheet(PDF) 5 Page - 3M Electronics

Part # 155226-5202-RA
Description  Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

155226-5202-RA Datasheet(HTML) 5 Page - 3M Electronics

  155226-5202-RA Datasheet HTML 1Page - 3M Electronics 155226-5202-RA Datasheet HTML 2Page - 3M Electronics 155226-5202-RA Datasheet HTML 3Page - 3M Electronics 155226-5202-RA Datasheet HTML 4Page - 3M Electronics 155226-5202-RA Datasheet HTML 5Page - 3M Electronics 155226-5202-RA Datasheet HTML 6Page - 3M Electronics 155226-5202-RA Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Regulatory Information Appendix
3M Electronic Solutions Division/Interconnect
EUROPE
Appendix E1: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment, as
amended by EU Commission Decision 2005/618/EC.
This product is RoHS Compliant 2005/95/EC.
“RoHS Compliant 2005/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of
the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless
the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information
represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
Appendix E2: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment, as
amended by EU Commission Decision 2005/618/EC.
This product contains lead in the compliant pin area in excess of the maximum concentration value allowed but is
compliant by exemption under EU Commission Decision 2005/747/EC.
“RoHS Compliant 2005/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of
the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless
the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information
represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
Appendix E3: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment as
amended by Commission Decision 2005/618/EC.
This product contains lead in the solder tail area in excess of the maximum concentration value allowed.
Unless otherwise stated by 3M in writing, this information represents 3M’s best knowledge and belief based upon information
provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
Appendix E4: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment, as
amended by EU Commission Decision 2005/618/EC, as amended by EU Commission Decision 2005/717/EC, as amended by
EU Court of Justice Decision 2008/C 116/04
This product contains decaBDE in the insulating material in excess of the maximum concentration allowed for finished
products subject to EU RoHS that are placed on the EU market after June 30, 2008.
Unless otherwise stated by 3M in writing, this information represents 3M’s best knowledge and belief based upon information
provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.product Warranty stated below.
RIA-2217A-E


Similar Part No. - 155226-5202-RA

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1552269 PHOENIX-1552269 Datasheet
804Kb / 15P
   SACC-CI-M12MS-8CON-L180 THR - Flush-type connector
More results

Similar Description - 155226-5202-RA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
2951398 3M-2951398 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
HK TO-GRACE TECHNOLOGY ...
AA4040VRBXZ1S-A-2A TO-GRACE-AA4040VRBXZ1S-A-2A Datasheet
1,018Kb / 6P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LZGCKT-AMT KINGBRIGHT-AA4040LZGCKT-AMT Datasheet
542Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/22/2023
logo
HK TO-GRACE TECHNOLOGY ...
KA-4040CGCKT TO-GRACE-KA-4040CGCKT Datasheet
894Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LCGCK-AMT KINGBRIGHT-AA4040LCGCK-AMT Datasheet
545Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LQBSD-AMT KINGBRIGHT-AA4040LQBSD-AMT Datasheet
554Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com