Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP5-125-38-G2 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # ZP5-125-38-G2
Description  Single Row Double Plastic Header
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

ZP5-125-38-G2 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  ZP5-125-38-G2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
ZP5 Series
Part Number
Specifications
Voltage Rating:
150 V AC
Current Rating:
1.5A
Operating Temperature Range: –40°C to +105°C
Withstanding Voltage:
500 V for 1 minute
Soldering Temp.:
260°C / 3 sec.
Materials and Finish
Housing:
UL 94V-0 listed
Terminals:
Brass
Contact Plating: Gold over Nickel
Features
Pin count from 2 to 40
Dim. A
Dim. B
ZP5
- *** - ** - G2
Single Row Double Plastic Header
Recommended PCB Layout
Top View
ZP5-***-02-G2
4.3
2.0
ZP5-***-03-G2
6.3
4.0
ZP5-***-04-G2
8.3
6.0
ZP5-***-05-G2
10.3
8.0
ZP5-***-06-G2
12.3
10.0
ZP5-***-07-G2
14.3
12.0
ZP5-***-08-G2
16.3
14.0
ZP5-***-09-G2
18.3
16.0
ZP5-***-10-G2
20.3
18.0
ZP5-***-11-G2
22.3
20.0
ZP5-***-12-G2
24.3
22.0
ZP5-***-13-G2
26.3
24.0
ZP5-***-14-G2
28.3
26.0
ZP5-***-15-G2
30.3
28.0
ZP5-***-16-G2
32.3
30.0
ZP5-***-17-G2
34.3
32.0
ZP5-***-18-G2
36.3
34.0
ZP5-***-19-G2
38.3
36.0
ZP5-***-20-G2
40.3
38.0
ZP5-***-21-G2
42.3
40.0
ZP5-***-22-G2
44.3
42.0
ZP5-***-23-G2
46.3
44.0
ZP5-***-24-G2
48.3
46.0
ZP5-***-25-G2
50.3
48.0
ZP5-***-26-G2
52.3
50.0
ZP5-***-27-G2
54.3
52.0
ZP5-***-28-G2
56.3
54.0
ZP5-***-29-G2
58.3
56.0
ZP5-***-30-G2
60.3
58.0
ZP5-***-31-G2
62.3
60.0
ZP5-***-32-G2
64.3
62.0
ZP5-***-33-G2
66.3
64.0
ZP5-***-34-G2
68.3
66.0
ZP5-***-35-G2
70.3
68.0
ZP5-***-36-G2
72.3
70.0
ZP5-***-37-G2
74.3
72.0
ZP5-***-38-G2
76.3
74.0
ZP5-***-39-G2
78.3
76.0
ZP5-***-40-G2
80.3
78.0
Part Number and Details for Plastic Height
Part Number
Dim. H
Part Number Dim. H
ZP5-080-**-G2
1.5
ZP5-085-**-G2
2.0
ZP5-090-**-G2
2.5
ZP5-095-**-G2
3.0
ZP5-100-**-G2
3.5
ZP5-105-**-G2
4.0
ZP5-110-**-G2
4.5
ZP5-115-**-G2
5.0
ZP5-120-**-G2
5.5
ZP5-125-**-G2
6.0
ZP5-130-**-G2
6.5
ZP5-135-**-G2
7.0
ZP5-140-**-G2
7.5
ZP5-145-**-G2
8.0
ZP5-150-**-G2
8.5
ZP5-155-**-G2
9.0
ZP5-160-**-G2
9.5
ZP5-165-**-G2
10.0
ZP5-170-**-G2
10.5
ZP5-175-**-G2
11.0
Outline Connector Dimensions
Series No.
Plastic Height (see table)
No. of Contact Pins (2 to 40)
Mating Face Plating:
G2 = Gold Flash
Part Number (Details)
Dimensional Information
RoHS


Similar Part No. - ZP5-125-38-G2

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZP5000A LUGUANG-ZP5000A Datasheet
2Mb / 2P
   Rectifier Diodes
logo
List of Unclassifed Man...
ZP5000AV ETC-ZP5000AV Datasheet
98Kb / 1P
   ZP series silicon rectifier
logo
ZHEJIANG HUAJING RECTIF...
ZP500A HUAJING-ZP500A Datasheet
261Kb / 3P
   Rectifier Diode
logo
Shenzhen Luguang Electr...
ZP500A LUGUANG-ZP500A Datasheet
2Mb / 2P
   Rectifier Diodes
logo
List of Unclassifed Man...
ZP500A ETC-ZP500A Datasheet
98Kb / 1P
   ZP series silicon rectifier
More results

Similar Description - ZP5-125-38-G2

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
127231MH SUYIN-USA-127231MH Datasheet
241Kb / 1P
   1.27mm PITCH DUAL ROW HEADER DOUBLE PLASTIC
127108MH SUYIN-USA-127108MH Datasheet
309Kb / 1P
   1.27X1.27mm DUAL ROW HEADER DOUBLE PLASTIC ADJUSTABLE
200111MH SUYIN-USA-200111MH Datasheet
212Kb / 2P
   2.0mm SINGLE ROW HEADER DOUBLE PLASTIC ADJUSTABLE FOR BOARD TO BOARD TYPE
logo
FCI connector
75844-150-10LF FCI-CONNECTOR-75844-150-10LF Datasheet
227Kb / 3P
   HEADER STR DOUBLE ROW
75844-156-18LF FCI-CONNECTOR-75844-156-18LF Datasheet
236Kb / 3P
   HEADER STR DOUBLE ROW
75844 FCI-CONNECTOR-75844 Datasheet
227Kb / 3P
   HEADER STR DOUBLE ROW
logo
Adam Technologies, Inc.
2SHD-C-XX-MTR-087 ADAM-TECH-2SHD-C-XX-MTR-087 Datasheet
78Kb / 1P
   DOUBLE ROW SHROUDED HEADER
logo
Precid-Dip Durtal SA
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
SUYIN USA, INC.
200118MH SUYIN-USA-200118MH Datasheet
215Kb / 2P
   2.0mm DUAL ROW HEADER DOUBLE PLASTIC ADJUSTABLE FOR BOARD TO BOARD TYPE
logo
FCI connector
69168-110HLF FCI-CONNECTOR-69168-110HLF Datasheet
152Kb / 2P
   FRICTION LATCH HEADER DOUBLE ROW VERTICAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com