Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5EFM4 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 5EFM4
Description  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5EFM4 Datasheet(HTML) 6 Page - Tyco Electronics

  5EFM4 Datasheet HTML 1Page - Tyco Electronics 5EFM4 Datasheet HTML 2Page - Tyco Electronics 5EFM4 Datasheet HTML 3Page - Tyco Electronics 5EFM4 Datasheet HTML 4Page - Tyco Electronics 5EFM4 Datasheet HTML 5Page - Tyco Electronics 5EFM4 Datasheet HTML 6Page - Tyco Electronics 5EFM4 Datasheet HTML 7Page - Tyco Electronics 5EFM4 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
129
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
M Series
CORCOM Product Guide
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications (Continued)
Case Styles - Filtered Models (cont'd)
5EFM1C (IEC Connector, Selectable Fuseholder)
C
A
D
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
5EFM4C (IEC Connector, Voltage Selector, Selectable
Fuseholder)
100V
120V
230V
240V
C
E
A
D
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
5EFM1SC (IEC Connector, DPST On/Off Switch,
Selectable Fuseholder)
C
A
D
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
5EHM1S & 5EFM1S (IEC Connector, DPST On/Off
Switch, Selectable Fuseholder)
C
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
D
B
A
5EHM4 & 5EFM4 (IEC Connector, DPST On/Off Switch,
Selectable Fuseholder)
C
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
D
B
A
100V
120V
230V
240V
5EHM4S & 5EFM4S (IEC Connector, DPST On/Off
Switch, Voltage Selector, Selectable Fuseholder)
C
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
D
B
A
100V
120V
230V
240V
Typical dimensions:
Torque: 7 in. lb max.
Holes: .055 [1.40] Dia. ±.004 [±.10] except solder lug ground tap with wire wrap.
Mounting Holes: .155 [3.94] Dia.
All parts typical.
Note: Mounting holes on tabs are countersunk and take a #6 flathead screw.
5EHM1 & 5EFM1 (IEC Connector, Selectable
Fuseholder)
C
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
D
B
A


Similar Part No. - 5EFM4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5EFM4 MACOM-5EFM4 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
TE Connectivity Ltd
5EFM4 TEC-5EFM4 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
Tyco Electronics
5EFM4C MACOM-5EFM4C Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
TE Connectivity Ltd
5EFM4C TEC-5EFM4C Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
Tyco Electronics
5EFM4S MACOM-5EFM4S Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
More results

Similar Description - 5EFM4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com