Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6EQ1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6EQ1
Description  Highest Performance RFI Filters for Switching Power Supply Emissions down to 10 kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EQ1 Datasheet(HTML) 2 Page - Tyco Electronics

  6EQ1 Datasheet HTML 1Page - Tyco Electronics 6EQ1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Highest Performance RFI Filters for Switching Power Supply
Emissions down to 10 kHz (Continued)
Case Dimensions
Part No.
A
B
C
D
E
± .015
(max)
(max)
(max)
(max)
± .38
3VQ1, 3EQ1
3.85
2.07
1.78
2.938
3.34
97.8
52.6
45.2
74.63
84.8
3VQ3, 3EQ3
2.56
2.07
1.78
2.938
3.34
65.0
52.6
45.2
74.63
84.8
3VQ8, 3VQ8M
3.07
2.25
1.78
1.575
0.63
3EQ8, 3EQ8M
78.0
57.2
45.2
40.01
16.0
6EQ1
4.98
2.27
1.80
4.063
4.47
126.5
57.7
45.7
103.2
113.5
6EQ3
3.69
2.27
1.80
4.063
4.47
93.7
57.7
45.7
103.2
113.5
6EQ8, 6EQ8M
5.47
2.07
1.78
1.575
2.70
138.9
52.6
45.2
40.01
68.0
20EQ1,20VQ1
6.66
2.07
2.28
5.625
6.03
168.1
52.6
57.9
142.9
153.2
83
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
Q Series
CORCOM Product Guide
Case Styles
Q1
Q3
6 Amp EQ/VQ8 & EQ/VQ8M (with metric insert)
Recommended Panel Cutout
D
E
A
C
B
C
B
3, 20 Amp Models
6 Amp Models
A
D
E
Brown
Blue
Brown
Blue
Grn/Yel
C
B
C
B
Blue
Grn/Yel Brown
Blue
Grn/Yel
Brown
3 Amp Models
6 Amp Models
E
A
D
C
B
Grn/Yel
Blue
Brown
Tapped insert:
No. 6-32 x 1/4 (3)-Q8
No. M-3 x .5 (3)-Q8M
0.63
16.0
.313
7.95
Ref
Ref
3 Amp EQ/VQ8 & EQ/VQ8M (with metric insert)
A
Tapped insert:
D B
E
C
.235
5.96
1.575
40.01
.157
3.98
.910
23.11
Dia. (2)
1.295
32.89
R
No. 6-32 x 1/4 (2)-Q8
No. M-3 x .5 (2)-Q8M
Brown
Grn/Yel
Blue
A
Tapped insert:
D B
E
C
.235
5.96
1.575
40.01
.157
3.98
.910
23.11
Dia. (2)
1.295
32.89
R
No. 6-32 x 1/4 (2)-Q8
No. M-3 x .5 (2)-Q8M
Brown
Grn/Yel
Blue
Part Numbers
03EQ1
03VQ1
03EQ3
03VQ3
03EQ8
03VQ8
03EQ8M
03VQ8M
06EQ1
20VQ1
06EQ3
06EQ8
06EQ8M
20EQ1
Line Cord:
GA400
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Mounting Holes: .188 [4.78] Dia. (2)
Slot: .07 x .16 [1.8 x 4.1]
Typical dimensions:
Wire leads: 4.0 [101.6] Min.
Mounting Holes: .188 [4.78] Dia. (2)
Typical dimensions:
Wire leads: 6.0 [152.4] Min.
Tolerance ±.005 [0.13]
Panel Cutout (back mount)
±.02 [±.5]
Typical dimensions:
Wire leads: 6.0 [152.4] Min.


Similar Part No. - 6EQ1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EQ1 MACOM-6EQ1 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6EQ1 TEC-6EQ1 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
More results

Similar Description - 6EQ1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
03EQ1 MACOM-03EQ1 Datasheet
104Kb / 2P
   Highest Performance RFI Filters for Switching Power Supply Emissions down to 10 kHz
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6VN1 MACOM-6VN1 Datasheet
346Kb / 2P
   High Performance RFI Filters for Switching Power Supply
3EHQ1 MACOM-3EHQ1 Datasheet
68Kb / 2P
   Highest Performance RFI Filters for Medical Equipment
logo
TE Connectivity Ltd
3EHQ TEC-3EHQ Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
logo
Tyco Electronics
3EHQ1 MACOM-3EHQ1_11 Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHQ TEC-6EHQ Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com