Electronic Components Datasheet Search |
|
BEI15 Datasheet(PDF) 4 Page - Murata Power Solutions Inc. |
|
BEI15 Datasheet(HTML) 4 Page - Murata Power Solutions Inc. |
4 / 13 page BEI15 Series Isolated Wide Input Bipolar 15-Watt DC/DC Converters www.murata-ps.com email: sales@murata-ps.com 04 Mar 2010 MDC_BEI15W.A01 Page 4 of 13 INPUT CHARACTERISTICS BEI15-050-Q12 BEI15-050-Q48 BEI15-120-Q12 BEI15-120-Q48 BEI15-150-Q12 BEI15-150-Q48 Input voltage range See ordering guide Start-up threshold, Volts typ. 9.0 17.0 9.5 17.0 8.9 17.0 Undervoltage shutdown, Volts 8.5 16.0 8.4 16.2 8.4 16.0 Overvoltage shutdown, Volts none Reflected (back) ripple current mA pk-pk 530 30 30530 Input current Full load conditions See ordering guide Inrush transient, A2sec 0.05 0.05 0.05 0.05 0.05 0.05 Output short circuit, mA 50 50 50 50 50 50 Output at min. load, mA 90 50 95 50 30 50 Low line (Vin=min.), Amps 2.03 1.0 2.01 0.97 1.97 0.96 Standby mode, mA (Off, UV, OT shutdown) 25 11111 Recommended fuse, Amps 424242 Internal input filter type Capacitive Reverse polarity protection None, install external fuse Remote On/Off Control Positive logic ("P" model suffix) OFF=Gnd pin or -0.7 to +0.8V max. ON=open pin or +10 to +15V max. Negative logic ("N" model suffix) OFF=open pin or +10 to +15V max. ON=Gnd pin or -0.7 to +0.8V max. On/Off Current, mA max. 1 Performance and Functional Specifications (Specs are typical ➀ unless noted) OUTPUT CHARACTERISTICS BEI15-050-Q12 BEI15-050-Q48 BEI15-120-Q12 BEI15-120-Q48 BEI15-150-Q12 BEI15-150-Q48 Voltage output range See ordering guide Voltage output accuracy, % of Vnom. (50% load) ±1 Temperature coefficient, % of Vout range/°C ±0.02 Minimum loading, percent of full power 10 Ripple/noise (20 MHz bandwidth) See ordering guide Line/Load regulation Efficiency Capacitive loading, μF max., low ESR <0.02Ω max., resistive load 500 500 150 150 100 100 Overvoltage protection, Volts (hiccup auto restart after fault removal) 6.5 7 15.8 16 18 20 OV protection method Magnetic feedback Isolation voltage Input to Output, Volts DC min. 2000 2250 2000 2250 2000 2250 Isolation resistance, MΩ min. 10 10 10 10 10 10 Isolation capacitance, pF 1000 1000 600 700 1000 1000 Isolation safety rating Basic insulation Miscellaneous Current limit inception, Amps (Vout actual ≤ 98% of Vnom.) after warmup 2.6 2.5 1 1.1 0.9 0.9 Short circuit protection method Current limiting, hiccup autorestart Short circuit current, Amps max. 0.3 Short circuit duration (output shorted to ground) ➀ Continuous |
Similar Part No. - BEI15 |
|
Similar Description - BEI15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |