Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEI15 Datasheet(PDF) 11 Page - Murata Power Solutions Inc.

Part # BEI15
Description  Isolated Wide Input Bipolar 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

BEI15 Datasheet(HTML) 11 Page - Murata Power Solutions Inc.

Back Button BEI15 Datasheet HTML 5Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 6Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 7Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 8Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 9Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 10Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 11Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 12Page - Murata Power Solutions Inc. BEI15 Datasheet HTML 13Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BEI15 Series
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
04 Mar 2010
MDC_BEI15W.A01 Page 11 of 13
PERFORMANCE DATA, BEI15-120-Q48
Efficiency vs. Line Voltage and Load Current @ +25°C (Vout = 12V)
Maximum Current Temperature Derating at Sea Level
(VIN=24V, airflow is from pin 1 to pin 2)
Maximum Current Temperature Derating at Sea Level
(VIN= 18V, airflow is from pin 1 to pin 2)
65
68
71
74
77
80
83
86
0.06
0.12
0.17
0.23
0.29
0.34
0.40
0.45
0.51
0.57
0.62
Load C urre nt (Amps)
VIN = 18V
VIN = 24V
VIN = 48V
VIN = 75V
0.50
0.55
0.60
0.65
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural Convection
Ambient Temperature (ºC)
Maximum Current Temperature Derating at Sea Level
(VIN= 75V, airflow is from pin 1 to pin 2)
0.50
0.55
0.60
0.65
20
25
30
35
40
45
50
55
60
65
70
75
80
85
100 LFM
Ambient Temperature (ºC)
0.50
0.55
0.60
0.65
20
25
30
35
40
45
50
55
60
65
70
75
80
85
100 LFM
Ambient Temperature (ºC)
Maximum Current Temperature Derating at Sea Level
(VIN= 48V, airflow is from pin 1 to pin 2)
0.50
0.55
0.60
0.65
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural Convection
Ambient Temperature (ºC)
Power Dissipation vs. Load Current @ +25°C
0.5
1.0
1.5
2.0
2.5
3.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.5
0.5
0.6
0.6
Output Load C urre nt (Amps)
VIN = 18V
VIN = 24V
VIN = 48V
VIN = 75V


Similar Part No. - BEI15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
logo
Murata Manufacturing Co...
BEI15-050-Q12 MURATA-BEI15-050-Q12 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15-050-Q12 MURATA-PS-BEI15-050-Q12 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
logo
Murata Manufacturing Co...
BEI15-050-Q12P-C MURATA-BEI15-050-Q12P-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
More results

Similar Description - BEI15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com