Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEI15-050-Q12NL1-C Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # BEI15-050-Q12NL1-C
Description  Isolated Wide Input Bipolar 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

BEI15-050-Q12NL1-C Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button BEI15-050-Q12NL1-C Datasheet HTML 3Page - Murata Power Solutions Inc. BEI15-050-Q12NL1-C Datasheet HTML 4Page - Murata Power Solutions Inc. BEI15-050-Q12NL1-C Datasheet HTML 5Page - Murata Power Solutions Inc. BEI15-050-Q12NL1-C Datasheet HTML 6Page - Murata Power Solutions Inc. BEI15-050-Q12NL1-C Datasheet HTML 7Page - Murata Power Solutions Inc. BEI15-050-Q12NL1-C Datasheet HTML 8Page - Murata Power Solutions Inc. BEI15-050-Q12NL1-C Datasheet HTML 9Page - Murata Power Solutions Inc. BEI15-050-Q12NL1-C Datasheet HTML 10Page - Murata Power Solutions Inc. BEI15-050-Q12NL1-C Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BEI15 Series
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
04 Mar 2010
MDC_BEI15W.A01 Page 7 of 13
perature, an on-board electronic temperature sensor will power down the unit.
When the temperature decreases below the turn-on threshold, the converter
will automatically restart. There is a small amount of temperature hysteresis to
prevent rapid on/off cycling.
CAUTION: If you operate too close to the thermal limits, the converter may
shut down suddenly without warning. Be sure to thoroughly test your applica-
tion to avoid unplanned thermal shutdown.
Temperature Derating Curves
The graphs in the next section illustrate typical operation under a variety of
conditions. The Derating curves show the maximum continuous ambient air
temperature and decreasing maximum output current which is acceptable
under increasing forced airflow measured in Linear Feet per Minute (“LFM”).
Note that these are AVERAGE measurements. The converter will accept brief
increases in current or reduced airflow as long as the average is not exceeded.
Note that the temperatures are of the ambient airflow, not the converter
itself which is obviously running at higher temperature than the outside air.
Also note that very low flow rates (below about 25 LFM) are similar to “natural
convection”, that is, not using fan-forced airflow.
Murata Power Solutions makes Characterization measurements in a closed
cycle wind tunnel with calibrated airflow. We use both thermocouples and an
infrared camera system to observe thermal performance.
CAUTION: If you exceed these Derating guidelines, the converter may have
an unplanned Over Temperature shut down. Also, these graphs are all collected
near Sea Level altitude. Be sure to reduce the derating for higher altitude.
Output Current Limiting
Current limiting inception is defined as the point at which full power falls
below the rated tolerance. See the Performance/Functional Specifications.
Note particularly that the output current may briefly rise above its rated value
in normal operation as long as the average output power is not exceeded. This
enhances reliability and continued operation of your application. If the output
current is too high, the converter will enter the short circuit condition.
Output Short Circuit Condition
When a converter is in current-limit mode, the output voltage will drop as the
output current demand increases. If the output voltage drops too low (approxi-
mately 98% of nominal output voltage for most models), the PWM controller
will shut down. Following a time-out period, the PWM will restart, causing
the output voltage to begin rising to its appropriate value. If the short-circuit
condition persists, another shutdown cycle will initiate. This rapid on/off cycling
is called “hiccup mode”. The hiccup cycling reduces the average output cur-
rent, thereby preventing excessive internal temperatures and/or component
damage.
Remote On/Off Control
The remote On/Off Control can be specified with either logic polarity. Please
refer to the Connection Diagram on page 1 for On/Off connections.
Positive polarity models are enabled when the On/Off pin is left open or is
pulled high to +Vin with respect to –Vin. Therefore, the On/Off control can be
disconnected if the converter should always be on. Positive-polarity devices are
disabled when the On/Off is grounded or brought to within a low voltage (see
Specifications) with respect to –Vin.
Negative polarity devices are on (enabled) when the On/Off pin is left open
or brought to within a low voltage (see Specifications) with respect to –Vin. The
device is off (disabled) when the On/Off is pulled high (see Specifications) with
respect to –Vin.
Dynamic control of the On/Off function must sink the specified signal current
when brought low and withstand the specified voltage when brought high.
Be aware too that there is a finite time in milliseconds (see Specifications)
between the time of On/Off Control activation and stable, regulated output. This
time will vary slightly with output load type and current and input conditions.
Output Capacitive Load
These converters do not require external capacitance added to achieve rated
specifications. Users should only consider adding capacitance to reduce
switching noise and/or to handle spike current load steps. Install only enough
capacitance to achieve your noise and surge response objectives. Excess
external capacitance may cause regulation problems and possible oscillation
or instability.
The maximum rated output capacitance and ESR specification is given for a
capacitor installed immediately adjacent to the converter.
C1
C1 = 0.1μF CERAMIC
C2 = 10μF TANTALUM
LOAD 2-3 INCHES (51-76mm) FROM MODULE
C2
RLOAD
COPPER STRIP
COPPER STRIP
SCOPE
+OUTPUT
+SENSE
-OUTPUT
Figure 3: Measuring Output Ripple and Noise (PARD)


Similar Part No. - BEI15-050-Q12NL1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BEI15-050-Q12 MURATA-BEI15-050-Q12 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15-050-Q12 MURATA-PS-BEI15-050-Q12 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
logo
Murata Manufacturing Co...
BEI15-050-Q12P-C MURATA-BEI15-050-Q12P-C Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
More results

Similar Description - BEI15-050-Q12NL1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com