Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSO5CAZ161P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSO5CAZ161P
Description  Deluxe Power Super Flux Commercial Orange LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSO5CAZ161P Datasheet(HTML) 1 Page - OptoSupply International

  OSO5CAZ161P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
D
De
ellu
ux
xe
e P
Po
ow
we
er
r S
Su
up
pe
er
r F
Fllu
ux
x C
Co
om
mm
me
er
rc
ciia
all O
Or
ra
an
ng
ge
e
L
LE
ED
D
OSO5CAZ161P
Features
Outline Dimension
High Luminous Super Flux Output
3 ø Standard Directivity
Long Lifetime Operation
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Signage and channel letter
Decorating and entertainment lighting
Architectural lighting
Outdoor/Indoor applications
Backlighting/Other Lighting
0.76
2
5.08+0.2
1.5+0.1
5.08+0.3
2
3
1,4 Cathode
2,3 Anode
Unit:mm
Tolerance:+0.3mm
7.62
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
70
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
182
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
60°
30°
90°
0.5
0
60°
90°
0.5
30°
11
Electrical -Optical Characteristics
(Ta=25℃)
Maximum Forward DC Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=70mA
2.0
2.3
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=70mA
600
605
610
nm
Luminous Intensity*
Iv
IF=70mA
7000
8000
-
mcd
50% Power Angle
1/2
IF=70mA
-
60
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Rth(J-a)=300°C/W
Rth(J-a)=250°C/W
Rth(J-a)=200°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
40
20
0
0
10
Ta(Ambient Temperature -°C)
40
60
80 90
80
60


Similar Part No. - OSO5CAZ161P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5CAZ161P OPTOSUPPLY-OSO5CAZ161P Datasheet
114Kb / 1P
   Deluxe Power Super Flux Commercial Orange
OSO5CAZ161P OPTOSUPPLY-OSO5CAZ161P_12 Datasheet
114Kb / 1P
   Deluxe Power Super Flux Commercial Orange
More results

Similar Description - OSO5CAZ161P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5CAZ161P OPTOSUPPLY-OSO5CAZ161P_12 Datasheet
114Kb / 1P
   Deluxe Power Super Flux Commercial Orange
OSCG4LZ281P OPTOSUPPLY-OSCG4LZ281P Datasheet
91Kb / 1P
   Deluxe Power Super Flux Orange Peach LED
OSR5CAZ161P OPTOSUPPLY-OSR5CAZ161P Datasheet
159Kb / 1P
   Deluxe Power Super Flux Commercial Red LED
OSY5CAZ161P OPTOSUPPLY-OSY5CAZ161P Datasheet
160Kb / 2P
   Deluxe Power Super Flux Commercial Yellow LED
OSY5CAZ161P OPTOSUPPLY-OSY5CAZ161P_12 Datasheet
114Kb / 1P
   Deluxe Power Super Flux Commercial Yellow LED
OSR5CAZ161P OPTOSUPPLY-OSR5CAZ161P_12 Datasheet
114Kb / 1P
   Deluxe Power Super Flux Commercial Red
OS5YKAZ2C1P OPTOSUPPLY-OS5YKAZ2C1P Datasheet
114Kb / 1P
   Deluxe Power Super Flux Yellow LED
OSCB4LZ281P OPTOSUPPLY-OSCB4LZ281P Datasheet
90Kb / 1P
   Deluxe Power Super Flux Rose LED
OS5RKAZ2C1P OPTOSUPPLY-OS5RKAZ2C1P Datasheet
114Kb / 1P
   Deluxe Power Super Flux Red LED
OSCM4LZ281P OPTOSUPPLY-OSCM4LZ281P Datasheet
91Kb / 1P
   Deluxe Power Super Flux Yolk LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com