Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2316A-S Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2316A-S
Description  Simple Car Audio Controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2316A-S Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2316A-S Datasheet HTML 1Page - Princeton Technology Corp PT2316A-S Datasheet HTML 2Page - Princeton Technology Corp PT2316A-S Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Simple Car Audio Controller
PT2316A/B
PT2316A/B v1.0
Page 1
Revised August 1998
Princeton Technology Corp.
DESCRIPTION
PT2316A and PT2316B are two-channel digital audio processors utilizing CMOS Technology specially
designed for car audio and hi-fi systems. Volume, Bass, Treble, Right/Left Balance and Loudness
Functions are incorporated into a single chip Selectable gain, direct key mode as well as LED indicator
for every function are also provided to build a highly effective electronic audio processor having the
highest performance and reliability with the least external components. Pin assignments and application
circuit are optimized for easy PCB Layout and cost saving benefits.
FEATURES
• CMOS Technology
• Low Power Consumption
• Least External Components
• Treble and Bass Control
• Loudness Function
• Balance Function
• Direct Key Mode
• LED Display Indicator for every Function
• Low Total Harmonic Distortion: THD<0.1%
• 2 Channels in the same chip
APPLICATIONS
• Car Stereo (Audio)
• Hi-Fi Audio System


Similar Part No. - PT2316A-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT231 BOURNS-PT231 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
logo
Princeton Technology Co...
PT2310 PTC-PT2310 Datasheet
339Kb / 16P
   Volume Controller IC
PT2310-S PTC-PT2310-S Datasheet
339Kb / 16P
   Volume Controller IC
PT2310-SL PTC-PT2310-SL Datasheet
339Kb / 16P
   Volume Controller IC
logo
Bourns Electronic Solut...
PT23101 BOURNS-PT23101 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
More results

Similar Description - PT2316A-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2317A PTC-PT2317A Datasheet
136Kb / 3P
   Simple Car Audio Controller?
logo
Sanyo Semicon Device
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
Princeton Technology Co...
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com