Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPSA090130U Datasheet(PDF) 4 Page - CUI INC

Part # EPSA090130U
Description  12 W WALL PLUG - SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA090130U Datasheet(HTML) 4 Page - CUI INC

  EPSA090130U Datasheet HTML 1Page - CUI INC EPSA090130U Datasheet HTML 2Page - CUI INC EPSA090130U Datasheet HTML 3Page - CUI INC EPSA090130U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
02/2010
4 of 4
SWITCHING POWER SUPPLY
12 W WALL PLUG
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
OUTPUT PLUG OPTIONS
*Contact CUI for additional output plug options.
9.5
9.5
9.5
9.5
9.5
1.7
1.7
0.7
EIAJ-3
EIAJ-2
EIAJ-1
EIAJ
4.75
4.0
2.35
P14/P14R
P13/P13R
C Unit
B
A
P12/P12R
mm
mm
mm
2.5
2.1
5.5
5.5
P11
C
Unit
B
A
P10
mm
mm
9.5
9.5
9.5
12
12
1.05
1.35
1.3
2.5
2.1
3.8
3.8
3.5
5.5
5.5
P9/P9R
P8/P8R
P7/P7R
P6/P6R
C
Unit
B
A
P5/P5R
mm
mm
mm
mm
mm
Add suffix “N” for center negative: PXX
N
P1R
P1
Right Angle PXR
Standard PX
Right Angle PXXR
Standard PXX
Add suffix “P” for center positive: PXX
P
EIAJ Plugs
Locking DC Plug
Standard DC Plug
3.5 mm Phono Plug


Similar Part No. - EPSA090130U

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPSA090130U CUI-EPSA090130U Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA090130U CUI-EPSA090130U Datasheet
447Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - EPSA090130U

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC12A-050 PHIHONG-PSAC12A-050 Datasheet
204Kb / 3P
   12 Watt Fixed Wall Plug Series
logo
Vitec Power
PTWA-183 Vitec-PTWA-183 Datasheet
284Kb / 2P
   18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
PTWA-188 Vitec-PTWA-188 Datasheet
297Kb / 2P
   18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
PTWA-183-SERIES Vitec-PTWA-183-SERIES Datasheet
284Kb / 2P
   18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
PTWA-188-SERIES Vitec-PTWA-188-SERIES Datasheet
297Kb / 2P
   18W Multi-Plug Wall Mount Power Supply for I.T. Equipment
logo
List of Unclassifed Man...
76002058 ETC2-76002058 Datasheet
191Kb / 1P
   XLR PRO Power Supply, Wall 100-240V,XLR PRO Power Supply, Wall 100-240V,
logo
Coolgear Inc.
FJ-2025 COOLGEAR-FJ-2025 Datasheet
347Kb / 2P
   12 Volt – 6 Amp DC Barrel Switching Power Supply
logo
List of Unclassifed Man...
701507-60C1 ETC2-701507-60C1 Datasheet
317Kb / 1P
   12 VDC Power Supply
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com