Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETSA120100U Datasheet(PDF) 3 Page - CUI INC

Part # ETSA120100U
Description  ETSA 12W - SWITCHING POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ETSA120100U Datasheet(HTML) 3 Page - CUI INC

  ETSA120100U Datasheet HTML 1Page - CUI INC ETSA120100U Datasheet HTML 2Page - CUI INC ETSA120100U Datasheet HTML 3Page - CUI INC ETSA120100U Datasheet HTML 4Page - CUI INC ETSA120100U Datasheet HTML 5Page - CUI INC ETSA120100U Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
01/2010
3 of 6
SWITCHING POWER SUPPLY
ETSA 12 W
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
MECHANICAL DRAWING
case size
75 L x 47.5 W x 26.5 H mm
tolerance: ±1 mm


Similar Part No. - ETSA120100U

ManufacturerPart #DatasheetDescription
logo
CUI INC
ETSA120100U CUI-ETSA120100U Datasheet
284Kb / 6P
   SWITCHING POWER SUPPLY
ETSA120100UD CUI-ETSA120100UD Datasheet
589Kb / 8P
   AC-DC POWER SUPPLY
ETSA120100UD CUI-ETSA120100UD Datasheet
589Kb / 8P
   AC-DC POWER SUPPLY
More results

Similar Description - ETSA120100U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APC-12 MEANWELL-APC-12 Datasheet
182Kb / 2P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12_12 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APC-12E MEANWELL-APC-12E Datasheet
75Kb / 3P
   12W Single Output Switching Power Supply
APC-12 MEANWELL-APC-12_12 Datasheet
804Kb / 3P
   12W Single Output Switching Power Supply
APV-12E MEANWELL-APV-12E Datasheet
76Kb / 3P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12 Datasheet
208Kb / 2P
   12W Single Output Switching Power Supply
logo
Vitec Power
SMWA12C Vitec-SMWA12C Datasheet
340Kb / 2P
   12W Medical Grade Wall Mount Power Supply
SMWA12C-SERIES Vitec-SMWA12C-SERIES Datasheet
340Kb / 2P
   12W Medical Grade Wall Mount Power Supply
SHWA12C Vitec-SHWA12C Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
SHWA12C-SERIES Vitec-SHWA12C-SERIES Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com