Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSO5JA83C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSO5JA83C1A
Description  8mm Concave Orange LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSO5JA83C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSO5JA83C1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
8mm Concave Orange LED
OSO5JA83C1A
Features
Outline Dimension
High Luminous LEDs
8mm Concave Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
2.54
12
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
8.0
9.2
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
78
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
600
605
610
nm
Luminous Intensity*
Iv
IF=20mA
100
150
-
mcd
50% Power Angle
1/2
IF=20mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSO5JA83C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5JA8131A OPTOSUPPLY-OSO5JA8131A Datasheet
102Kb / 1P
   8mm Round Orange LED
OSO5JA82E1A OPTOSUPPLY-OSO5JA82E1A Datasheet
136Kb / 1P
   8mm Flat Orange LED
OSO5JA87A1A OPTOSUPPLY-OSO5JA87A1A Datasheet
136Kb / 1P
   8mm Straw Orange LED
More results

Similar Description - OSO5JA83C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5OPM83C1A OPTOSUPPLY-OS5OPM83C1A Datasheet
69Kb / 1P
   8mm Concave Orange LED
OSO5GA83C1A OPTOSUPPLY-OSO5GA83C1A Datasheet
106Kb / 1P
   8mm Concave Giga Orange LED
OSO5MA83C1A OPTOSUPPLY-OSO5MA83C1A Datasheet
108Kb / 1P
   8mm Concave Phoenix Orange LED
OSK5DK83C1A OPTOSUPPLY-OSK5DK83C1A Datasheet
107Kb / 1P
   8mm Concave Pink LED
OSY5RU83C1A OPTOSUPPLY-OSY5RU83C1A Datasheet
107Kb / 1P
   8mm Concave Yellow LED
OSV5YL83C1A OPTOSUPPLY-OSV5YL83C1A Datasheet
107Kb / 1P
   8mm Concave Violet LED
OS5RPM83C1A OPTOSUPPLY-OS5RPM83C1A Datasheet
67Kb / 1P
   8mm Concave Red LED
OSR5RU83C1A OPTOSUPPLY-OSR5RU83C1A Datasheet
107Kb / 1P
   8mm Concave Red LED
OSV5HL83C1A OPTOSUPPLY-OSV5HL83C1A Datasheet
107Kb / 1P
   8mm Concave Violet LED
OS5YPM83C1A OPTOSUPPLY-OS5YPM83C1A Datasheet
67Kb / 1P
   8mm Concave Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com